Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA0S506AJ-R7 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA0S506AJ-R7
Description  SPDT T/R Switch 5.0 - 6.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA0S506AJ-R7 Datasheet(HTML) 1 Page - Tyco Electronics

  MA0S506AJ-R7 Datasheet HTML 1Page - Tyco Electronics MA0S506AJ-R7 Datasheet HTML 2Page - Tyco Electronics MA0S506AJ-R7 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPDT T/R Switch
5.0 - 6.0 GHz
MA0S506AJ
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Features
• Ideal for 802.11a Hiperlan Applications
• Positive Control Voltages
• +32 dB One dB Compression Point
• Fast Switching Speed
• No External Components Required
• MSOP-8 Package
Description
The MA0S506AJ is a medium power 5.0-6.0 SPDT
switch. Typical Applications include the transmit/
receive functions in 802.11a and Hiperlan, and fixed
wireless access applications. All RF impedances
are 50 Ω, and all RF ports are internally DC blocked.
The switch operates over a typical voltage range of
2.7 to 5.5 volts. The MA0S506AJ is offered in a
MSOP-8 package.
The MA0S506AJ is fabricated using M/A-COM’s 0.5
micron MESFET process for a low single supply
voltage, high linearity, and excellent reliability.
Functional Schematic
Ordering Information 1
Part Number
Package
MA0S506AJ-R7
7 inch, 1000 piece reel
MA0S506AJ-R13
13 inch, 3000 piece reel
MA0S506AJ-SMB
Sample Test Board
Absolute Maximum Ratings 2,3
Parameter
Absolute Maximum
Max Input Power
+33 dBm
Control Voltages
+8.0 volts
Operating Temperature
-40°C to +100°C
Channel Temperature
+150°C
Storage Temperature
-40°C to +150°C
Supply Voltages
+8.0 volts
2. Exceeding any one or combination of these limits may cause
permanent damage to this devise.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
Pin No.
Pin Name
Description
1
V1
Control Voltage 1
2
V2
Control Voltage 2
3
RFC
RF Common Port
4
VDD
Supply Voltage
5
RF2
RF Port 2
6
GND
Ground
7
GND
Ground
8
RF1
RF Port 1
Pin Configuration
V
1
GND
RF
2
GND
RF
1
1
8
V
2
RF
C
V
DD
1. Reference Application Note M513 for reel size information.


Similar Part No. - MA0S506AJ-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA0S506AJ-R7 MACOM-MA0S506AJ-R7 Datasheet
58Kb / 4P
5.0 - 6.0 SPDT T/R Switch
More results

Similar Description - MA0S506AJ-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ Datasheet
58Kb / 4P
5.0 - 6.0 SPDT T/R Switch
logo
Hittite Microwave Corpo...
HMC224MS8 HITTITE-HMC224MS8 Datasheet
162Kb / 4P
GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
HMC224MS8 HITTITE-HMC224MS8_06 Datasheet
228Kb / 6P
GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASW6010G MA-COM-MASW6010G Datasheet
70Kb / 4P
GaAs SPDT Switch DC - 6.0 GHz
logo
Hittite Microwave Corpo...
HMC223MS8 HITTITE-HMC223MS8_00 Datasheet
116Kb / 4P
GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
logo
California Eastern Labs
UPG2415T6X CEL-UPG2415T6X Datasheet
434Kb / 10P
0.05 to 6.0 GHz SPDT SWITCH
logo
Hittite Microwave Corpo...
HMC223MS8 HITTITE-HMC223MS8 Datasheet
0Kb / 4P
GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
logo
Skyworks Solutions Inc.
SKY13585-679LF SKYWORKS-SKY13585-679LF Datasheet
927Kb / 9P
1.0 to 6.0 GHz SPDT Switch
logo
Guerrilla RF, Inc.
GRF6011 GUERRILLA-GRF6011 Datasheet
823Kb / 14P
SPDT Failsafe Switch 0.1 ??6.0 GHz
logo
List of Unclassifed Man...
RTC6608OSP ETC1-RTC6608OSP Datasheet
149Kb / 7P
0.1 GHz ??6.0 GHz SPDT Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com