Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6AS7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 6AS7
Description  Svetlana 6AS7 Dual Power Triode for High Performance Audio Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

6AS7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  6AS7 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6AS7 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.92"
5.51"
2.05"
Svetlana 6AS7
Dual Power Triode for
High Performance Audio Applications
he Svetlana™ 6AS7 is a glass envelope, dual power triode with high
transconductance and high plate current capacity. Each triode has a plate dissipa-
tion rating of 13 Watts with convection cooling. It is intended for low distortion
audio frequency power amplification service in either single or push-pull/parallel tube
applications. The Svetlana 6AS7 has an indirectly-heated unipotential cathode. The heater
may be DC operated for the absolute best hum/noise performance.
The Svetlana 6AS7A was originally designed as a series pass tube in regulated power
supplies. Low plate resistance makes it an excellent choice in OTL and other high perfor-
mance audio circuits. Close manufacturing specification tolerances and improved process-
ing provides enhanced reliability and superior sonic performance.
The Svetlana 6AS7 is manufactured in the Svetlana factory in Russia, and is designed to
be a direct replacement for any 6AS7.
General Characteristics
Electrical
Heater:
Min.
Nom.
Max.
Voltage (AC or DC)
5.7
6.3
6.9
V
Current
2.5
A
Cathode:
Oxide-coated, unipotential
Cathode-to-heater potential, max.
± 300
V
Direct interelectrode capacitances, max.***
Grid to cathode
8
pF
Plate to cathode
3
pF
Grid no.1 to plate
11
pF
Mechanical
Operating Position**
Any
Base
JEDEC 8BD, octal 8-pin
Maximum dimensions:
Height
140 mm (5.51 in.)
Diameter
52 mm (2.05 in.)
Cooling
Convection
Approximate net weight
90g (3.2 oz.)
**When mounting horizontally, pins 1 & 8 must be in the same horizontal plane
***Without external shielding, nominal values
AF Power Amplifier
Maximum ratings (per triode)
DC plate voltage
250
V
Transconductance (typical)
5500
µS
Grid no.1 (control) voltage
-150
V
DC cathode current
130
mA
Plate Resistance
280
Ω
Plate dissipation
13
W
Bulb temperature (surface hottest point)
250˚
C
ELECTRON DEVICES
Svetlana
8/96
Svetlana 6AS7 Outline Drawing
Bottom View
Octal Base Connections
T
4
3
2
1
8
7
6
5
Key
2K
1G
1P
2P
2G
1K
H
H
Headquarters:
8200 South Memorial Parkway
Huntsville, AL 35802
USA
Phone
205 882 1344
FAX
205 880 8077
www.svetlana.com
Marketing & Engineering:
3000 Alpine Road
Portola Valley, CA 94028
USA
Phone
415 233 0429
FAX
415 233 0439
ELECTRON DEVICES
Svetlana
6AS7
Made in Russia


Similar Part No. - 6AS7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6AS7G ETC-6AS7G Datasheet
270Kb / 5P
TWIN TRIODE
More results

Similar Description - 6AS7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUZ907 ETC-BUZ907 Datasheet
25Kb / 2P
POWER MOSFETS FOR AUDIO APPLICATIONS
BUZ907P ETC-BUZ907P Datasheet
24Kb / 2P
POWER MOSFETS FOR AUDIO APPLICATIONS
logo
General Electric Compan...
6AF4-A GEC-6AF4-A Datasheet
288Kb / 3P
TRIODE FOR UHF OSCILLATOR APPLICATIONS
logo
Maxim Integrated Produc...
MAX9880A MAXIM-MAX9880A Datasheet
1Mb / 70P
Low-Power, High-Performance Dual I2S Stereo Audio Codec
Rev 0; 7/10
logo
Intersil Corporation
ISL6228 INTERSIL-ISL6228 Datasheet
470Kb / 16P
High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Texas Instruments
LP3925 TI1-LP3925 Datasheet
1Mb / 51P
High Performance Power Management Unit for Handset Applications
logo
Intersil Corporation
ISL6228HRTZ INTERSIL-ISL6228HRTZ Datasheet
467Kb / 16P
High-Performance Dual-Output Buck Controller for Notebook Applications
May 7, 2008
logo
TE Connectivity Ltd
3EHZ1 TEC-3EHZ1 Datasheet
312Kb / 3P
High Performance Power Line Filter for Medical Applications
logo
Renesas Technology Corp
ISL6228 RENESAS-ISL6228 Datasheet
860Kb / 17P
High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Maxim Integrated Produc...
MAX9880A MAXIM-MAX9880A_V01 Datasheet
3Mb / 74P
Low-Power, High-Performance Dual I2S Stereo Audio Codec
19-5139; Rev 2; 8/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com