Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C Datasheet(PDF) 1 Page - Tyco Electronics

Part # M80C
Description  Double-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M80C Datasheet(HTML) 1 Page - Tyco Electronics

  M80C Datasheet HTML 1Page - Tyco Electronics M80C Datasheet HTML 2Page - Tyco Electronics M80C Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
!
"
!
"
!
"
! #
$
!
!
%&
&
'()
*
&
'()
+ ,- &
.()
%& ,*+ / 0
1
2!
! 3
4 +
,/ 156,4 +
, (
%&4 6&+
7/ +
'8*/
" .
$9 9
!
:
;!
$
!
<:
!
=$ #
!
##
!
"
;! $ )
7 "
>< !; =$
!
9
9 !
!
9 $!
!
! #
!
"
!
9 $
#"
!
9?#"
$
!
"
+ #
,-
$#
"
" $
" ;"
#
$
!
9< #
$
!
!
<
>
$
!
!$ :
? $
9< /!@ !
!
! !;
@
9
.+%?7 ,?
: .+%?7 ,?
:
.
. !#
.
-
7.5 - !!
)
! " #!
$ "
%& '
( )
*
+
,
-
+.
/
%0#1,
2#31
%4#1,
771 - !@
! %
2
3A 771 6
;$
2
3
1
1
+
!:%
* 2 !3
%B
'()
%B
'()
1
1
+
!:%
+2 !3
%B
'()
%B
'()
1
1
1 - !@
! -
#
%B 0
1
1
0
+!#$ +C
* B
'()
D
1 :* B
'()
D
1 :
%B
'()
B 0
1
1
0


Similar Part No. - M80C

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M80C MA-COM-M80C Datasheet
1Mb / 3P
Double-Balanced Mixer
M80C MA-COM-M80C Datasheet
1Mb / 3P
Double-Balanced Mixer
logo
Harwin Plc
M80C108371C HARWIN-M80C108371C Datasheet
515Kb / 4P
DATAMATE DIL CRIMP SOCKET CABLE ASSEMBLY
M80C108448C HARWIN-M80C108448C Datasheet
314Kb / 1P
44WAY J/SCREW DATAMATE DIL LARGE BORE CRIMP FRMALE
logo
Intel Corporation
M80C186 INTEL-M80C186 Datasheet
590Kb / 59P
CHMOS HIGH INTEGRATION 16-BIT MICROPROCESSOR
More results

Similar Description - M80C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com