Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG202XM Datasheet(PDF) 6 Page - Cisco Systems, Inc.

Part # VG202XM
Description  Cisco VG350, VG224, VG204XM, and VG202XM Stand-Alone Analog Voice Gateways
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

VG202XM Datasheet(HTML) 6 Page - Cisco Systems, Inc.

  VG202XM Datasheet HTML 1Page - Cisco Systems, Inc. VG202XM Datasheet HTML 2Page - Cisco Systems, Inc. VG202XM Datasheet HTML 3Page - Cisco Systems, Inc. VG202XM Datasheet HTML 4Page - Cisco Systems, Inc. VG202XM Datasheet HTML 5Page - Cisco Systems, Inc. VG202XM Datasheet HTML 6Page - Cisco Systems, Inc. VG202XM Datasheet HTML 7Page - Cisco Systems, Inc. VG202XM Datasheet HTML 8Page - Cisco Systems, Inc. VG202XM Datasheet HTML 9Page - Cisco Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© 2013 Cisco and/or its affiliates. All rights reserved. This document is Cisco Public Information.
Page 6 of 9
Category
Cisco VG350
Cisco VG224
Cisco VG204XM and VG202XM
Power
AC input voltage
100- to 240-VAC autoranging
100 to 240 VAC
100 to 240 VAC
AC input current (maximum)
7.1 to 3.0 amps
1 amp
0.5 amp
DC input voltage
-
12V
12V
Frequency
47 to 63 Hz
50 to 60 Hz
50 to 60 Hz
Power dissipation
230 watts (maximum consumption)
(power supply rated for 540W
capacity)
60W
30W
Redundant power supply
Optional integrated RPS
External 12-VDC UPS
-
Physical
Width
17.25 in. (438.15 mm)
17.5 in. (444.5 mm)
8.81 in. (223.8 mm)
Height
5.25 in. (133.35 mm)
1.75 in. (44.4 mm) (add 0.17 in. for
optional rubber feet)
1.78 in. (45.2 mm) with rubber feet
Depth
18.75 in. (476.25 mm)
13.5 in. (342.9 mm)
8.13 in. (206.5 mm)
Weight (maximum)
48.08 lb
11 lb (4.106 kg)
2.98 lb (1.351 kg)
Mounting
3 rack units (3RU), 19 in.; EIA 23 in.
Rack- and wall-mountable
Desktop- and wall-mountable
Environment
Operating temperature
32 to 104ºF (0 to 40ºC)
32 to 122ºF (0 to 50ºC)
32 to 104°F (0 to 40°C)
Nonoperating temperature
-40 to 158ºF (-40 to 70ºC)
-40 to 185ºF (-40 to 85ºC)
-22 to 149°F (-30 to 65°C)
Operating humidity
5 to 95%
5 to 95% noncondensing
10 to 85% noncondensing
Noise level (maximum)
Sound pressure: 57.6 dB typical,
77.6 dB maximum
Sound power: 67.8 dB typical, 84.7
dB maximum
38-dbA @ 3 ft (0.914m)
No fan, 0 db
On- or off-premises
On-premises only, restricted access
area, permanent ground required, to
be installed and serviced only by
trained professionals
On-premises only, restricted access
area, permanent ground required, to
be installed and serviced only by
trained professionals
On-premises only, permanent
ground required, to be installed
and serviced only by trained
professionals
Compatibility
Cisco IOS Software Release
15.2(4)M or later
12.3(4)T or later
15.3(2)T or later
Cisco Unified
Communications Manager
version
8.6.2(SU2), 9.0.1, or later
3.3.3 SR2 or later
6.1.3, 7.0.1 or later
Cisco Unified
Communications Manager
Express version
7.1, 8.0, or later
4.3.2 or later
7.0.1 or later
Tip and Ring Interfaces for Each FXS Port (SLIC)
Interface type
FXS (on-premises connection only)
(RJ-21)
(Optional high-speed WAN interface
card [HWIC] FXS modules on
motherboard have RJ-11
connectors.)
FXS (on-premises connection only)
FXS (on-premises connection
only)
Address signaling formats
In-band dual tone multifrequency
(DTMF)
Out-of-band pulse (8-12 pulses per
second [pps])
In-band DTMF
Out-of-band pulse (8-12 pps)
In-band DTMF
Out-of-band pulse (8-12 pps)
FXS signaling formats
Part numbers SM-D-72FXS and
SM-D-48FXS-E support loop-start
and ground-start signaling.
HWIC slots on motherboard support
FXS loop-start, ground-start, and
DID signaling.
Loop-start and ground-start signaling
Loop-start and ground-start
signaling



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com