Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG202XM Datasheet(PDF) 7 Page - Cisco Systems, Inc.

Part # VG202XM
Description  Cisco VG350, VG224, VG204XM, and VG202XM Stand-Alone Analog Voice Gateways
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

VG202XM Datasheet(HTML) 7 Page - Cisco Systems, Inc.

  VG202XM Datasheet HTML 1Page - Cisco Systems, Inc. VG202XM Datasheet HTML 2Page - Cisco Systems, Inc. VG202XM Datasheet HTML 3Page - Cisco Systems, Inc. VG202XM Datasheet HTML 4Page - Cisco Systems, Inc. VG202XM Datasheet HTML 5Page - Cisco Systems, Inc. VG202XM Datasheet HTML 6Page - Cisco Systems, Inc. VG202XM Datasheet HTML 7Page - Cisco Systems, Inc. VG202XM Datasheet HTML 8Page - Cisco Systems, Inc. VG202XM Datasheet HTML 9Page - Cisco Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© 2013 Cisco and/or its affiliates. All rights reserved. This document is Cisco Public Information.
Page 7 of 9
Category
Cisco VG350
Cisco VG224
Cisco VG204XM and VG202XM
FXS loop resistance
Up to 600 ohms (including phone or
terminal equipment) for short-loop-
length port
Up to 1400 ohms (including phone
and terminal equipment) for long-
loop-length port
Up to 600 ohms (including the phone
or terminal equipment)
Up to 600 ohms (including the
phone or terminal equipment)
Direct inward dialing (DID)
loop resistance
Up to 1800 ohms (including terminal
equipment)
-
-
On-hook voltage
-44V
-43 V
-43 V
Off-hook loop current
25 mA (maximum) for short-loop-
length port
35 mA (maximum) for long-loop-
length port
25 mA (maximum)
25 mA (maximum)
Ring tone
Configurable for different country
requirements
Configurable for different country
requirements
Configurable for different country
requirements
Ring voltage
54 Vrms into 5 ringer equivalence
numbers (RENs) at zero-loop-length
port (balanced) (short-loop-length
port)
62 Vrms into 2 RENs at zero-loop-
length port (balanced) (long-loop-
length port)
50 Vrms into 5 RENs at zero-loop-
length port (balanced) if no DC offset
54 Vrms into 5 RENs at zero-loop-
length port (balanced) if no DC
offset
Ring frequency
20, 25, 30, and 50 Hz
20, 25, 30, and 50 Hz
20, 25, 30, and 50 Hz
Ring waveform
Sine wave if no DC offset
Sine wave if no DC offset
20 and 24 VDC offset trapezoidal
Sine wave up to 35-VDC offset
Ring load
-
5REN with no DC offset
2REN with DC offset
5 RENs with no DC offset
2 RENs with DC offset
REN loading
5 REN per port (short-loop-length
port)
2 RENs per port (long-loop-length
port)
(maximum 40 total RENs loads per
each SM-D-72FXS module;
maximum 30 total RENs loads per
each SM-D-48FXS-E module)
5 RENs per port, 12 RENs per
system (maximum)
5 RENs per port, 12 RENs per
system (maximum)
RJ-11 FXS port terminating
impedance option
600c, 600r, 900c, 900r, complex1,
complex2, complex3, complex4,
complex5, and complex6
600-ohm complex, 600-ohm real,
900-ohm complex, 900-ohm real,
complex1, and complex2
600-ohm complex, 600-ohm real,
900-ohm complex, 900-ohm real,
complex1, and complex2
Disconnect supervision
Power denial (calling party control
and far-end disconnect)
Power denial (calling party control
and far-end disconnect)
Power denial (calling party control
and far-end disconnect)
Caller ID
On-hook transmission of frequency-
shift-keying (FSK) data
On-hook transmission of FSK data
On-hook transmission of FSK data
FXS loop Length
Short-loop-length port 3000 ft, 26
AWG 5500 ft, and 24 AWG
Long-loop-length port 11,000 ft,
26AWG 18,000 ft, and 24 AWG
3000 ft, 26 AWG
3000 ft, 26 AWG
Category cable
Category 3 and Category 5
Category 3 and Category 5
Category 3 and Category 5
Physical connector
RJ-21 and RJ-11
RJ-21
RJ-11
Number of connectors or
ports
160 (144 using two SM-D-72FXS
modules with RJ-21 connectors and
16 using FXS voice interface card
(VIC) modules with RJ-11
connectors)
24 FXS ports
2 FXS ports on VG202XM
4 FXS ports on VG204XM
Mean time between failures
(MTBF)
1,390,019 hours
195,671 hours
200,000 hours



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com