Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M402 Datasheet(PDF) 39 Page - B&K Precision Corporation

Part # M402
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M402 Datasheet(HTML) 39 Page - B&K Precision Corporation

Back Button M402 Datasheet HTML 35Page - B&K Precision Corporation M402 Datasheet HTML 36Page - B&K Precision Corporation M402 Datasheet HTML 37Page - B&K Precision Corporation M402 Datasheet HTML 38Page - B&K Precision Corporation M402 Datasheet HTML 39Page - B&K Precision Corporation M402 Datasheet HTML 40Page - B&K Precision Corporation M402 Datasheet HTML 41Page - B&K Precision Corporation M402 Datasheet HTML 42Page - B&K Precision Corporation M402 Datasheet HTML 43Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
33
16. Calculation Function <CALC>
When
is pushed, the following function menu is displayed.
* By pushing
, the sweep is restarted.
* By pushing
~
, the calculation function is selected.
By rotating
, the number of times of the sweep can be set.
16.1 NORMAL Mode
1. When
is pushed, the normal mode is set. The calculation is not performed in this mode. The
number of times of the sweep is infinite. This mode is normally used.
* When this mode is set, “NORMAL” is displayed in the CALC area on the screen.
(Refer to “4. Explanation of Screen” for the details.)
16.2 MAX HOLD Mode
1. By the operation of
, the number of times of the sweep in the MAX HOLD mode
is set.
2. The update spectrum data is compared with the data left last time at each point, and the larger one is retained
and displayed.
2
4
8
16
32
64
128
256
512
1024
* *
(infinite)
* When this mode is set, “MAX --- (number of times)” is displayed in the CALC area on the screen.
(Refer to “4. Explanation of Screen” for the details.)
16.3 MIN HOLD Mode
1. By the operation of
, the number of times of the sweep in the MIN HOLD mode
is set.
MINHLD
* *
AVG
56
OVRWR
* *
SPRIFR
OFF
F1
F2
F3
F4
F5
F6
NORMAL
MAXHLD
* *
CALC
HOLD / RUN
F1
F5
F1
F2
F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com