Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M402 Datasheet(PDF) 13 Page - B&K Precision Corporation

Part # M402
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M402 Datasheet(HTML) 13 Page - B&K Precision Corporation

Back Button M402 Datasheet HTML 9Page - B&K Precision Corporation M402 Datasheet HTML 10Page - B&K Precision Corporation M402 Datasheet HTML 11Page - B&K Precision Corporation M402 Datasheet HTML 12Page - B&K Precision Corporation M402 Datasheet HTML 13Page - B&K Precision Corporation M402 Datasheet HTML 14Page - B&K Precision Corporation M402 Datasheet HTML 15Page - B&K Precision Corporation M402 Datasheet HTML 16Page - B&K Precision Corporation M402 Datasheet HTML 17Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
7
 Other
2650A, 2652A, 2658A, 2651 common
Operating temperature
0 to 50° C (guaranteed at 23±10 °C, without soft carrying case)
Operating humidity
less than 40 °C/80 %RH
(guaranteed at less than 33 °C/70 %RH, without soft carrying case)
Storage temperature
-20 to 60 °C, less than 60 °C/70 %RH
Dimensions
162(W) x 71(H) x 265(D) mm , 6.38 (W) x 2.80 (H) x 10.43 (D) inch
(excluding projections, protection bumper and stand)
Weight
approx. 1.8 kg or 4 lbs (including battery)
* Refer to section 22) Tracking Generator Mode for the specifications of the tracking generator, model 2652A.
2.2
External view
* B&K Precision reserves the right to make changes in design, specification and other information without prior notice.
[Unit : mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com