Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA22 Datasheet(PDF) 8 Page - Cirrus Logic

Part # PA22
Description  High Voltage Power Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA22 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button PA22 Datasheet HTML 4Page - Cirrus Logic PA22 Datasheet HTML 5Page - Cirrus Logic PA22 Datasheet HTML 6Page - Cirrus Logic PA22 Datasheet HTML 7Page - Cirrus Logic PA22 Datasheet HTML 8Page - Cirrus Logic PA22 Datasheet HTML 9Page - Cirrus Logic PA22 Datasheet HTML 10Page - Cirrus Logic PA22 Datasheet HTML 11Page - Cirrus Logic PA22 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PA22
8
PA22 REV C
Figure 8: Output Voltage Swing
Figure 9: Quiescent Current
Figure 10: Power Supply Rejection
Figure 11: Power Supply Rejection
9
8
7
6
5
4 02
4
6
8
12
10
Output Current, I
OUT
(A)
+V
OUT
-V
OUT
50
47
44
41
38
35
50
100
150
200
250
Total Supply Voltage, V
SS
(V)
T
C
= 850C
T
C = 25
0C
T
C =
0C
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
Frequency, f ( Hz)
+V
S
= +23V
-V
S
= -23V
C
C
= 47pF
LOAD = OPEN
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
Frequency, f ( Hz)
C
C
= 100pF
LOAD = OPEN
-V
S
= -110V
+V
S
= +110V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com