Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA22 Datasheet (PDF) - Cirrus Logic

PA22 Datasheet PDF - Cirrus Logic
Part # PA22
Download  PA22 Download
File Size   550.39 Kbytes
Page   14 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description High Voltage Power Operational Amplifiers

PA22 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA22 Datasheet PDF - Cirrus Logic

Part # PA22
Download  PA22 Click to download

File Size   550.39 Kbytes
Page   14 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description High Voltage Power Operational Amplifiers

PA22 Datasheet (HTML) - Cirrus Logic


PA22 Product details

FEATURES
• Up to ±110 V Power Supply
• 12 A Continuous Output Current, Typical
• 250 W Continuous Power Dissipation at TC = 25 oC
• 4 MHz Gain Bandwidth Product
APPLICATIONS
• Programmable Voltage or Current Sources
• Piezo Electric Positioning
• Deformable Mirror Focus
• Electrostatic Transducers
DESCRIPTION
The PA22 linear power operational amplifier is specifically designed for high pulse current applications.
With its peak current capability of 13.6 A and internal power dissipation of 250 W, this amplifier offers power
density yet unseen in SIP form-factors. Its novel design allows for easy and reliable connection to a heatsink,
as well as strong performance even when socketed. This amplifier is equipped with temperature sensing and
current limit.




Similar Part No. - PA22

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
PA2200 KEYSIGHT-PA2200 Datasheet
817Kb / 19P
IntegraVision PA2200 Series Power Analyzers
logo
Renesas Technology Corp
PA2201T1M RENESAS-PA2201T1M_15 Datasheet
269Kb / 8P
N-CHANNEL MOS FET FOR SWITCHING
logo
Pulse A Technitrol Comp...
PA2202.121NL PULSE-PA2202.121NL Datasheet
490Kb / 2P
SMT Power Inductors
PA2202.181NL PULSE-PA2202.181NL Datasheet
490Kb / 2P
SMT Power Inductors
PA2202.211NL PULSE-PA2202.211NL Datasheet
490Kb / 2P
SMT Power Inductors
More results


Similar Description - PA22

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com