Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASP931 Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # ASP931
Description  Silhouette Low-Profile Transit Antennas
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

ASP931 Datasheet(HTML) 1 Page - PCTEL, Inc.

  ASP931 Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCTEL, Inc. WEB: www.antenna.com
MOBILE ANTENNAS
ASP Transit Platform
Low-Profile Whipless Antennas
* Measured on a 1x1 ft ground plane. Gain is ground plane dependent.
PCTEL’s Silhouette antennas are designed for transit vehicle installations requiring
overhead clearance, including buses, fire-fighting engines, railroad equipment, airport
service vehicles, and construction equipment. These low-profile multiband antennas
provide wideband coverage of specific frequencies without field tuning required. They
are housed in a high impact molded ASA radome for long-lasting performance under
severe environmental conditions.
Features
•
Rugged, high impact molded ASA radome assures long, reliable performance and
protection against the elements
•
High Performance – when mounted on a flat surface, maximum radiation is
vertical and omnidirectional
•
Low-profile for minimum exposure to theft or vandalism
•
Wideband Coverage – requires no field tuning
Silhouette Low-Profile Transit Antennas
ELECTRICAL SPECIFICATIONS (ALL FREQUENCIES)
Model
Frequency
Range
Bandwidth
Gain*
Maximum
Power
Polarization
Nominal
Impedance
VSWR
ASPB574
148-160 MHz
0.5 MHz
Unity
100 watts
Vertical
50 ohms
< 2.0:1, maximum
ASP572
450-470 MHz
20 MHz
Unity
100 watts
Vertical
50 ohms
< 2.0:1, maximum
ASP772
450-470 MHz
20 MHz
Unity
100 watts
Vertical
50 ohms
< 2.0:1, maximum
ASPB572
470-488 MHz
18 MHz
Unity
100 watts
Vertical
50 ohms
< 2.0:1, maximum
ASPC572
488-512 MHz
24 MHz
Unity
100 watts
Vertical
50 ohms
< 2.0:1, maximum
ASP931
806-894 MHz
88 MHz
Unity
100 watts
Vertical
50 ohms
< 2.0:1, maximum
ASPG931
890-960 MHz
154 MHz
Unity
100 watts
Vertical
50 ohms
< 2.0:1, maximum
STANDARD CONFIGURATION
Model
Cable
Connector
Mount
ASPB574
Sold separately.
SO-239 (UHF female, panel mount)
Standard 1-5/16" roof hole
mount Supplied with screws and
weather-proof gasket.
ASP572
UHF female, panel mount (mates with PL259 male)
ASP772
BNC female bulkhead
ASPB572
UHF female, panel mount (mates with PL259 male)
ASPC572
UHF female, panel mount (mates with PL259 male)
ASP931
N female, panel mount
ASPG931
N female, panel mount
MECHANICAL & ENVIRONMENTAL SPECIFICATIONS
Model
Dimensions
Housing
Color
ASPB574
4.1 H x 17 x 3.5 in (10.4 x 43.2 x 8.9 cm)
White, high impact molded ASA
ASP572
3.13 H x 8 x 3.5 in (7.9 x 20.3 x 8.9 cm)
ASP772
3.4 H x 8 x 3.5 in (8.6 x 20.3 x 8.9 cm)
ASPB572
3.4 H x 8 x 3.5 in (8.6 x 20.3 x 8.9 cm)
ASPC572
3.4 H x 8 x 3.5 in (8.6 x 20.3 x 8.9 cm)
ASP931
3.4 H x 8 x 3.5 in (8.6 x 20.3 x 8.9 cm)
ASPG931
3.4 H x 8 x 3.5 in (8.6 x 20.3 x 8.9 cm)
ASP931 low-profile transit antenna
ASP574 low-profile transit antenna series
for VHF coverage
RoHS
COMPLIANT
69


Similar Part No. - ASP931

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ASP MSYSTEM-ASP Datasheet
126Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
logo
Samtec, Inc
ASP-103597-01-B SAMTEC-ASP-103597-01-B Datasheet
478Kb / 2P
VITA 42 (LEADED) SOCKET ASSEMBLY
ASP-103597-01-B SAMTEC-ASP-103597-01-B Datasheet
719Kb / 2P
VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103597-01-B SAMTEC-ASP-103597-01-B Datasheet
400Kb / 2P
VITA 42 (LEAD FREE) SOCKET ASSEMBLY
ASP-103597-01-B SAMTEC-ASP-103597-01-B Datasheet
661Kb / 2P
VITA 42 lif (LEAD FREE) SOCKET ASSEMBLY
More results

Similar Description - ASP931

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
Picocell Antennas
logo
Microsemi Corporation
MDT5864 MICROSEMI-MDT5864 Datasheet
167Kb / 2P
HORN ANTENNAS
logo
New Jersey Semi-Conduct...
1N3785 NJSEMI-1N3785 Datasheet
148Kb / 1P
Low silhouette single-ended package
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
ANTENNAS
logo
Laird Tech Smart Techno...
RD2458-5 LSTD-RD2458-5 Datasheet
449Kb / 2P
Amplified antennas
SL17182P LSTD-SL17182P Datasheet
908Kb / 1P
Neutral color and low silhouette
logo
Pulse A Technitrol Comp...
LORA-K PULSE-LORA-K Datasheet
423Kb / 4P
LORA Antennas
logo
Ultralife Corporation.
MRC-195 ULTRALIFE-MRC-195 Datasheet
782Kb / 2P
SOTM Transit Case System
14 March 2016 Rev A
logo
PCTEL, Inc.
BMLPVMBLTENGP PCTEL-BMLPVMBLTENGP Datasheet
201Kb / 1P
MLPV Low-Profile No Ground Plane Antennas
MLPV PCTEL-MLPV Datasheet
268Kb / 2P
Low-Profile Antennas - MLPV Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com