Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3699 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STG3699
Description  LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3699 Datasheet(HTML) 2 Page - STMicroelectronics

  STG3699 Datasheet HTML 1Page - STMicroelectronics STG3699 Datasheet HTML 2Page - STMicroelectronics STG3699 Datasheet HTML 3Page - STMicroelectronics STG3699 Datasheet HTML 4Page - STMicroelectronics STG3699 Datasheet HTML 5Page - STMicroelectronics STG3699 Datasheet HTML 6Page - STMicroelectronics STG3699 Datasheet HTML 7Page - STMicroelectronics STG3699 Datasheet HTML 8Page - STMicroelectronics STG3699 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STG3699
2/12
Figure 2: Input Equivalent Circuit
Table 2: Pin Description
Table 3: Truth Table
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions
not implied.
(1) Derate above 70°C: by 18.5mW/°C for QFN package; by 5.6mW/°C for TSSOP.
Table 5: Recommended Operating Conditions
1) Truth Table guaranteed: 1.2V to 4.3V.
TSSOP(1)
PIN N°
1. Exposed pad must be soldered to a floating plane. Do NOT con-
nect to power or ground.
QFN(1)
PIN N°
SYMBOL
NAME AND
FUNCTION
1, 5, 9, 13,
3, 7, 11, 15
15, 3, 7, 11,
1, 5, 9, 13
1S1 to 4S1,
1S2 to 4S2
Independent
Channels
2, 6, 10, 14 16, 4, 8, 12
D1 to D4
Common
Channels
4, 12
2, 10
1-2IN, 3-4IN Controls
16
14
VCC
Positive Sup-
ply Voltage
8
6
GND
Ground (0V)
IN
SWITCH S1
SWITCH S2
H
ON
OFF(1)
L
OFF(1)
1. High Impedance
ON
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to 4.6
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VIC
DC Control Input Voltage
-0.5 to 4.6
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIKC
DC Input Diode Current on control pin (VIN< 0V)
− 50
mA
IIK
DC Input Diode Current (VIN< 0V)
± 50
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 300
mA
IOP
DC Output Current Peak (pulse at 1ms, 10% duty cycle)
± 500
mA
ICC or IGND DC VCC or Ground Current
± 100
mA
PD
Power Dissipation at Ta=70°C (1)
QFN
1120
mW
TSSOP
500
mW
Tstg
Storage Temperature
-65 to 150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (note 1)
1.65 to 4.3
V
VI
Input Voltage
0 to VCC
V
VIC
Control Input Voltage
0 to 4.3
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time Control Input
VCC= 1.65V to 2.7V
0 to 20
ns/V
VCC= 3.0V to 4.3V
0 to 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com