Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3699 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG3699
Description  LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3699 Datasheet(HTML) 1 Page - STMicroelectronics

  STG3699 Datasheet HTML 1Page - STMicroelectronics STG3699 Datasheet HTML 2Page - STMicroelectronics STG3699 Datasheet HTML 3Page - STMicroelectronics STG3699 Datasheet HTML 4Page - STMicroelectronics STG3699 Datasheet HTML 5Page - STMicroelectronics STG3699 Datasheet HTML 6Page - STMicroelectronics STG3699 Datasheet HTML 7Page - STMicroelectronics STG3699 Datasheet HTML 8Page - STMicroelectronics STG3699 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
August 2005
■
HIGH SPEED:
tPD = 0.3ns (TYP.) at VCC = 3.0V
tPD = 0.4ns (TYP.) at VCC = 2.3V
■
ULTRA LOW POWER DISSIPATION:
ICC = 0.2µA (MAX.) at TA = 85°C
■
LOW "ON" RESISTANCE VIN=0V:
RON = 0.5Ω (MAX. TA = 25°C) at VCC = 2.7V
RON = 0.8Ω (MAX. TA = 25°C) at VCC = 2.3V
RON = 3.0Ω (MAX. TA = 25°C) at VCC = 1.8V
■
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 1.65V to 4.3V SINGLE SUPPLY
■
4.3V TOLERANT AND 1.8V COMPATIBLE
THRESHOLD ON DIGITAL CONTROL INPUT
at VCC = 2.3 to 3.0V
■
LATCH-UP PERFORMANCE EXCEEDS
300mA (JESD 17)
■
ESD PERFORM. (ANALOG CHAN. vs GND):
HBM > 7KV (MIL STD 883 method 3015)
DESCRIPTION
The STG3699 is an high-speed CMOS LOW
VOLTAGE QUAD ANALOG S.P.D.T. (Single Pole
Dual
Throw)
SWITCH
or
2:1
Multiplexer/
Demultiplexer Switch fabricated in silicon gate
C2MOS technology. It is designed to operate from
1.65V to 4.3V, making this device ideal for
portable applications.
It offers very low ON-Resistance (<0.5
Ω) at
VCC=3.0V. The nIN inputs are provided to control
the switches. The switches nS1 are ON (they are
connected to common Ports Dn) when the nIN
input is held high and OFF (high impedance state
exists between the two ports) when nIN is held
low; the switches nS2 are ON (they are connected
to common Ports Dn) when the nIN input is held
low and OFF (high impedance state exists
between the two ports) when IN is held high.
Additional key features are fast switching speed,
Break Before Make Delay Time and Ultra Low
Power Consumption. All inputs and outputs are
equipped with protection circuits against static
discharge,
giving
them
ESD
immunity
and
transient excess voltage. It’s available in the
commercial temperature range in TSSOP and
QFN3x3mm package.
STG3699
LOW VOLTAGE 0.5
Ω MAX QUAD SPDT SWITCH
WITH BREAK BEFORE MAKE FEATURE
Figure 1: Pin Connection
Table 1: Order Codes
PACKAGE
T & R
TSSOP
STG3699TTR
QFN
STG3699QTR
QFN
TSSOP
Rev. 5


Similar Part No. - STG3699

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
23-Mar-2005
STG3699A STMICROELECTRONICS-STG3699A Datasheet
523Kb / 14P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
21-Dec-2005
STG3699AQTR STMICROELECTRONICS-STG3699AQTR Datasheet
525Kb / 11P
LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
23-Mar-2005
STG3699AQTR STMICROELECTRONICS-STG3699AQTR Datasheet
523Kb / 14P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
21-Dec-2005
More results

Similar Description - STG3699

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Jan-2004
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
23-Mar-2005
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
STG3690 STMICROELECTRONICS-STG3690_05 Datasheet
523Kb / 12P
LOW VOLTAGE 5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3699A STMICROELECTRONICS-STG3699A_06 Datasheet
523Kb / 14P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
21-Dec-2005
STG3680 STMICROELECTRONICS-STG3680_05 Datasheet
531Kb / 11P
LOW VOLTAGE 0.5/0.8Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3699B STMICROELECTRONICS-STG3699B_07 Datasheet
259Kb / 18P
Low voltage 0.5 廓 max, quad SPDT switch with break-before-make feature
04-Sep-2007
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com