Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V358Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # V358Y
Description  General Purpose, Input/Output Rail-to-Rail Low Power Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

V358Y Datasheet(HTML) 2 Page - STMicroelectronics

  V358Y Datasheet HTML 1Page - STMicroelectronics V358Y Datasheet HTML 2Page - STMicroelectronics V358Y Datasheet HTML 3Page - STMicroelectronics V358Y Datasheet HTML 4Page - STMicroelectronics V358Y Datasheet HTML 5Page - STMicroelectronics V358Y Datasheet HTML 6Page - STMicroelectronics V358Y Datasheet HTML 7Page - STMicroelectronics V358Y Datasheet HTML 8Page - STMicroelectronics V358Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Order Codes
TSV321-TSV358-TSV324
2/15
1
Order Codes
Part Number
Temperature
Range
Package
Packaging
Marking
TSV321RILT
-40°C to +125°C
SOT23-5L
Tape & Reel
K174
TSV321RAILT
SOT23-5L
Tape & Reel
K178
TSV321ID/IDT
SO-8
Tube or Tape & Reel
V321ID
TSV358ID/IDT
V358ID
TSV358IPT
TSSOP8
(Thin Shrink Outline Package)
Tape & Reel
V358I
TSV358IST
MiniSO-8
K175
TSV358IYD/IYDT
SO-8 (automotive grade level)
Tube or Tape & Reel
TSV358IYPT
TSSOP8
(automotive grade level)
Tape & Reel
V358Y
TSV324ID/IDT
SO-14
Tube or Tape & Reel
V324ID
TSV324IPT
TSSOP14
(Thin Shrink Outline Package)
Tape & Reel
V324IP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com