Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V358Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # V358Y
Description  General Purpose, Input/Output Rail-to-Rail Low Power Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

V358Y Datasheet(HTML) 3 Page - STMicroelectronics

  V358Y Datasheet HTML 1Page - STMicroelectronics V358Y Datasheet HTML 2Page - STMicroelectronics V358Y Datasheet HTML 3Page - STMicroelectronics V358Y Datasheet HTML 4Page - STMicroelectronics V358Y Datasheet HTML 5Page - STMicroelectronics V358Y Datasheet HTML 6Page - STMicroelectronics V358Y Datasheet HTML 7Page - STMicroelectronics V358Y Datasheet HTML 8Page - STMicroelectronics V358Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TSV321-TSV358-TSV324
Absolute Maximum Ratings
3/15
2
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (1)
1.
All voltages values, except differential voltage are with respect to network terminal.
7V
Vid
Differential Input Voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. If Vid > ±1V, the
maximum input current must not exceed ±1mA. In this case (Vid > ±1V) an input series resistor must be added to limit input
current.
±1
V
Vi
Input Voltage
VDD-0.3 to VCC +0.3
V
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient(3)
SOT23-5
SO-8
SO-14
TSSOP8
TSSOP14
MiniSO-8
3.
Short-circuits can cause excessive heating. Destructive dissipation can result from simultaneous short-circuit on all
amplifiers.
250
125
103
120
100
190
°C/W
ESD
HBM: Human Body Model(4)
4.
Human body model, 100pF discharged through a 1.5k
Ω resistor into pin of device.
2kV
MM: Machine Model(5)
5.
Machine model ESD, a 200pF cap is charged to the specified voltage, then discharged directly into the IC with no external
series resistor (internal resistor < 5
Ω), into pin to pin of device.
200
V
CDM: Charged Device Model
1.5
kV
Latch-up Immunity
200
mA
Lead Temperature (soldering, 10s)
250
°C
Output Short Circuit Duration
see note(6)
6.
Short-circuits from the output to VCCcan cause excessive heating. The maximum output current is approximately 80mA,
independent of the magnitude of VCC. Destructive dissipation can result from simultaneous short-circuits on all amplifiers.
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2.5 to 6
V
Vicm
Common Mode Input Voltage Range (1)
1.
At 25°C, for 2.5
≤ VCC ≤ 6V, Vicm is extended to VDD - 0.2V, VCC + 0.2V.
VDD - 0.2 to VCC + 0.2
V
Vicm
Common Mode Input Voltage Range (2)
2.
In full temperature range, both Rails can be reached when VCC does not exceed 5.5V.
VDD to VCC
V
Toper
Operating Free Air Temperature Range
-40 to + 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com