Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911CTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6911CTR
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911CTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6911CTR Datasheet HTML 6Page - STMicroelectronics L6911CTR Datasheet HTML 7Page - STMicroelectronics L6911CTR Datasheet HTML 8Page - STMicroelectronics L6911CTR Datasheet HTML 9Page - STMicroelectronics L6911CTR Datasheet HTML 10Page - STMicroelectronics L6911CTR Datasheet HTML 11Page - STMicroelectronics L6911CTR Datasheet HTML 12Page - STMicroelectronics L6911CTR Datasheet HTML 13Page - STMicroelectronics L6911CTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
L6911C
10/20
The worst condition depends on the input voltage available and the output voltage selected. Anyway the worst
case is the response time after removal of the load with the minimum output voltage programmed and the max-
imum input voltage available.
Output Capacitor
Since the microprocessors require a current variation beyond 10A doing load transients, with a slope in the
range of tenth A/
µsec, the output capacitor is a basic component for the fast response of the power supply. In
fact for first few microseconds they supply the current to the load. The controller recognizes immediately the
load transient and sets the duty cycle at 100%, but the current slope is limited by the inductor value.
The output voltage has a first drop due to the current variation inside the capacitor (neglecting the effect of the
ESL):
∆VOUT = ∆IOUT · ESR
A minimum capacitor value is required to sustain the current during the load transient without discharge it. The
voltage drop due to the output capacitor discharge is given by the following equation:
Where DMAX is the maximum duty cycle value that is 100%. The lower is the ESR, the lower is the output drop
during load transient and the lower is the output voltage static ripple.
Input Capacitor
The input capacitor has to sustain the ripple current produced during the on time of the upper MOS, so it must
have a low ESR to minimize the losses. The rms value of this ripple is:
Where D is the duty cycle. The equation reaches its maximum value with D=0.5. The losses in worst case are:
Compensation network design
The control loop is a voltage mode (figure 7) that uses a droop function to satisfy the requirements for a VRM
module, reducing the size and the cost of the output capacitor.
This method "recovers" part of the drop due to the output capacitor ESR in the load transient, introducing a de-
pendence of the output voltage on the load current: at light load the output voltage will be higher than the nom-
inal level, while at high load the output voltage will be lower than the nominal value.
t
a pplic atio n
L
∆I
⋅
V
IN
V
OUT
–
------------------------------
=
t
rem ov al
L
∆I
⋅
V
OUT
---------------
=
∆V
OUT
∆I
OUT
2
L
2C
OU T
V
IN M IN
D
MAX
V
OUT
–
⋅
()
⋅⋅
---------------------------------------------------------------------------------------------
=
I
rm s
I
OUT
D1
D
–
()
⋅
=
P
ESR I
rm s
2
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com