Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911CTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6911CTR
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911CTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6911CTR Datasheet HTML 12Page - STMicroelectronics L6911CTR Datasheet HTML 13Page - STMicroelectronics L6911CTR Datasheet HTML 14Page - STMicroelectronics L6911CTR Datasheet HTML 15Page - STMicroelectronics L6911CTR Datasheet HTML 16Page - STMicroelectronics L6911CTR Datasheet HTML 17Page - STMicroelectronics L6911CTR Datasheet HTML 18Page - STMicroelectronics L6911CTR Datasheet HTML 19Page - STMicroelectronics L6911CTR Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
L6911C
18/20
Application Circuit Examples
Figure 16 reports the schematic circuit for a motherboard chipset power supply. This application works from a
single 5V power supply and is able to deliver up to 10A with a 300KHz switching frequency.
Figure 16. Motherboard chipset power supply; 2.5Vout, 10A
CoilCraft DO5022 P
1 .5uH
CoilCraft DO3316 P
1uH
1k
3 x220u F
Sanyo
2 x1uF
ce ram ic
1n
5 x47 0uF
Sanyo TPB
STS12NF30L
STS12NF30L
STPS3 L25U
1 00nF
10A fuse
16
17
13
14
2
4
5
6
7
8
U1
L6911C
+5 VIN
VOUTCORE
PWRGD
10
15
9
3
20
18
11
19
12
1
VC C
GND
VID0
VID1
VID2
VID3
VID4
SS
OSC
O CSET
UGA TE
PH AS E
LG ATE
PGN D
PGO OD
VSEN
10k
220
1 00k
7 50k
2 20pF
6 80pF
5.6n
1 00n
1 00n
1N4148
GNDIN
GNDCORE
10k
43k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com