Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSA676 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LSA676
Description  Hyper SIDELED Hyper-Bright LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSA676 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LSA676 Datasheet HTML 6Page - OSRAM GmbH LSA676 Datasheet HTML 7Page - OSRAM GmbH LSA676 Datasheet HTML 8Page - OSRAM GmbH LSA676 Datasheet HTML 9Page - OSRAM GmbH LSA676 Datasheet HTML 10Page - OSRAM GmbH LSA676 Datasheet HTML 11Page - OSRAM GmbH LSA676 Datasheet HTML 12Page - OSRAM GmbH LSA676 Datasheet HTML 13Page - OSRAM GmbH LSA676 Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
2002-09-18
14
LS A676, LA A676, LO A676, LY A676
Published by OSRAM Opto Semiconductors GmbH
Wernerwerkstrasse 2, D-93049 Regensburg
© All Rights Reserved.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
All typical data and graphs are basing on representative samples, but don’t represent the production range. If
requested, e.g. because of technical improvements, these typ. data will be changed without any further notice.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components 1 may only be used in life-support devices or systems 2 with the express written approval of OSRAM OS.
1 A critical component is a component used in a life-support device or system whose failure can reasonably be expected
to cause the failure of that life-support device or system, or to affect its safety or the effectiveness of that device or
system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain
and sustain human life. If they fail, it is reasonable to assume that the health of the user may be endangered.
Revision History: 2002-09-18
Date of change
Previous Version:
2002-08-19
Page
Subjects (major changes since last revision)
12
recommended solder pad (TTW soldering)
4
value (wavelength amber/yellow
5
wavelength groups
2
wavelength grouping for yellow and orange
14
annotations
2002-07-25
4
value (
TCλdom from 0.04 to 0.05 nm/K)
2002-07-25
13
recommended solder pad (IR reflow soldering)
2002-08-01
3, 4
value (reverse voltage from 3 V to 12 V)
2002-09-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com