Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PTQ100I-R Datasheet(PDF) 4 Page - InnovASIC, Inc

Part # IA188EM-PTQ100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PTQ100I-R Datasheet(HTML) 4 Page - InnovASIC, Inc

  IA188EM-PTQ100I-R Datasheet HTML 1Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 2Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 3Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 4Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 5Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 6Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 7Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 8Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 9Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Please Note
Included in the Ordering Information section on page 128 of this manual are enhanced RoHS-compliant
versions of the IA186 and IA188 family of microcontrollers. However, standard packaged or non RoHS-
compliant versions of the IA186 and IA188 microcontrollers are still available.
Features
" Pin-for-pin compatible with AMD# Am186EM/188EM devices
" All features are retained, including:
" PLL allowing same crystal/system clock frequency
" 8086/8088 instruction set with additional 186 instruction set extensions
" Programmable interrupt controller
" Two DMA channels
" Three 16-bit timers
" Programmable chip select logic and wait-state generator
" Dedicated watch dog timer
" Two independent asynchronous serial ports (UARTs)
o DMA capability
o Hardware flow control
o 7-, 8-, or 9-bit data capability
" Pulse Width Demodulator feature
" Up to 32 programmable I/O pins (PIO)
" Pseudo-static/dynamic RAM controller
" Fully static CMOS design
" 40 MHz operation at industrial operating conditions
" +5 VDC power supply
" Available packages:
o 100-pin Thin Quad Flat Pack (TQFP)
o 100-pin Plastic Quad Flat Pack (PQFP)
The IA186EM/188EM is a form, fit and function replacement for the original Advanced Micro Devices
#
Am186EM/188EM family of microcontrollers. Innovasic produces replacement ICs using its MILESTM,
or Managed IC Lifetime Extension System cloning technology. This technology produces replacement
ICs far more complex than "emulation" while ensuring they are compatible with the original IC.
MILESTM captures the design of a clone so it can be produced even as silicon technology advances.
MILESTM also verifies the clone against the original IC so that even the "undocumented features" are
duplicated.
This data sheet contains preliminary information for the IA186EM/188EM. The complete data sheet
which documents all necessary engineering information about the IA186EM/188EM including functional
and I/O descriptions, electrical characteristics, and applicable timing will be available when the device
nears completion.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com