Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA188EM-PTQ100I-R Datasheet(PDF) 79 Page - InnovASIC, Inc

Part # IA188EM-PTQ100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PTQ100I-R Datasheet(HTML) 79 Page - InnovASIC, Inc

Back Button IA188EM-PTQ100I-R Datasheet HTML 75Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 76Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 77Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 78Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 79Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 80Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 81Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 82Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 83Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Mnemonic
Description
byte
1
byte
2
byte
3-6
IA186
IA188
O D I
T S Z A P C
NOP
Perform no operation
90
-
-
3
3
-
-
-
-
-
-
-
-
-
Complement each bit in r/m8
F6
/2
-
3/10
3/10
NOT
Complement each bit in r/m16
F7
/2
-
-
-
-
-
-
-
-
3/10
3/14
-
OR imm8 with AL
0C
ib
-
3
3
OR imm16 with AX
0D
iw
4
4
OR imm8 with r/m8
80
/1
ib
-
4/16
4/16
OR imm16 with r/m16
81
/1
iw
-
4/16
4/20
OR imm8 with r/m16
83
/1
ib
-
4/16
4/20
OR byte reg with r/m8
08
/r
-
3/10
3/10
OR word reg with r/m16
09
/r
-
3/10
3/14
OR r/m8 with byte reg
0A
/r
-
3/10
3/10
OR
OR r/m16 with word reg
0B
/r
-
3/10
0 -
-
-
R R U R
3/14
0
Output AL to imm port
E6
ib
-
9
9
Output AX to imm port
E7
ib
-
9
13
Output AL to port in DX
EE
-
-
7
7
OUT
Output AX to port in DX
EF
-
-
7
11
-
-
-
-
-
-
-
-
-
Output byte DS:[SI] to port in DX
6E
-
-
OUTS
Output word DS:[SI] to port in DX
6F
-
-
OUTSB
Output byte DS:[SI] to port in DX
6E
-
-
OUTSW
Output word DS:[SI] to port in DX
6F
-
-
14
14
-
-
-
-
-
-
-
-
-
Pop top word of stack into memory
word
8F
/0
-
20
24
Pop top word of stack into word
reg
58+
rw
-
-
10
14
Pop top word of stack into DS
1F
-
-
Pop top word of stack into ES
07
-
-
POP
Pop top word of stack into SS
17
-
-
8
12
-
-
-
-
-
-
-
-
-
POPA
Pop DI, SI, BP, BX, DX, CX, & AX
61
-
-
51
83
POPF
Pop top word of stack into
Processor Status Flags reg
9D
-
-
8
12
Values in word at top of stack
are copied into FLAGS reg bits
Push memory word onto stack
FF
/6
-
16
20
Push reg word onto stack
50+
rw
-
-
10
14
Push sign-extended imm8 onto
stack
6A
-
-
10
14
Push imm16 onto stack
68
-
-
10
14
Push CS onto stack
0E
-
-
9
13
Push SS onto stack
16
-
-
9
13
Push DS onto stack
1E
-
-
9
13
PUSH
Push ES onto stack
06
-
-
9
13
-
-
-
-
-
-
-
-
-
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com