Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOA676-R1S2-24 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LOA676-R1S2-24
Description  Hyper SIDELED Hyper-Bright LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOA676-R1S2-24 Datasheet(HTML) 5 Page - OSRAM GmbH

  LOA676-R1S2-24 Datasheet HTML 1Page - OSRAM GmbH LOA676-R1S2-24 Datasheet HTML 2Page - OSRAM GmbH LOA676-R1S2-24 Datasheet HTML 3Page - OSRAM GmbH LOA676-R1S2-24 Datasheet HTML 4Page - OSRAM GmbH LOA676-R1S2-24 Datasheet HTML 5Page - OSRAM GmbH LOA676-R1S2-24 Datasheet HTML 6Page - OSRAM GmbH LOA676-R1S2-24 Datasheet HTML 7Page - OSRAM GmbH LOA676-R1S2-24 Datasheet HTML 8Page - OSRAM GmbH LOA676-R1S2-24 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LS A676, LA A676, LO A676, LY A676
2002-09-18
5
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von ±11 % ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and a tolerance of ±11 %.
1) Wellenlängengruppen / Wavelength groups
Gruppe
Group
yellow
orange
Einheit
Unit
min.
max. min.
max.
2
580
583
600
603
nm
3
583
586
603
606
nm
4
586
589
606
609
nm
5
589
592
nm
6
592
595
nm
Helligkeits-Gruppierungsschema
Luminous Intensity Groups
Lichtgruppe
Luminous Intensity Group
Lichtstärke
Luminous Intensity
I
V (mcd)
Lichtstrom
Luminous Flux
Φ
V (mlm)
N2
P1
P2
Q1
Q2
R1
R2
S1
S2
35.5 ... 45.0
45.0 ... 56.0
56.0 ... 71.0
71.0 ... 90.0
90.0 ... 112.0
112.0 ... 140.0
140.0 ... 180.0
180.0 ... 224.0
224.0 ... 280.0
120 (typ.)
150 (typ.)
190 (typ.)
240 (typ.)
300 (typ.)
380 (typ.)
480 (typ.)
600 (typ.)
760 (typ.)
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: P2-3
Example: P2-3
Lichtgruppe
Luminous Intensity Group
Halbgruppe
Half Group
Wellenlänge
Wavelength
P2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com