Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIN-HDR10JTRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NIN-HDR10JTRF
Description  Wirewound Chip Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-HDR10JTRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NIN-HDR10JTRF Datasheet HTML 1Page - NIC-Components Corp. NIN-HDR10JTRF Datasheet HTML 2Page - NIC-Components Corp. NIN-HDR10JTRF Datasheet HTML 3Page - NIC-Components Corp. NIN-HDR10JTRF Datasheet HTML 4Page - NIC-Components Corp. NIN-HDR10JTRF Datasheet HTML 5Page - NIC-Components Corp. NIN-HDR10JTRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
42
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NIN-HJ SERIES
J-SIZE (0603)
STANDARD VALUES
Wirewound Chip Inductors
NIN-H Series
NIC
P/N
iNDUCTANCE
TOLERANCE
INDUCTANCE
VALUE (nH)
FREQUENCY
(MHz)
Q FACTOR
SRF
(MHz)
Minimum
Rated DC
Resistance
(ohms)
Rated DC
Current
(mA)
NIN-HJ1N8JTRF
J,K,M
1.8
250
16@250MHz
6000
0.10
700
NIN-HJ3N9JTRF
J,K,M
3.9
250
20@250MHz
6000
0.10
700
NIN-HJ4N7JTRF
J,K,M
4.7
250
10@250MHz
5800
0.25
700
NIN-HJ6N8JTRF
J,K,M
6.8
250
25@250MHz
5800
0.11
700
NIN-HJ100JTRF
J,K,M
10
250
30@250MHz
4800
0.13
700
NIN-HJ120JTRF
G,J,K,M
12
250
30@250MHz
4000
0.13
700
NIN-HJ150JTRF
G,J,K,M
15
250
30@250MHz
4000
0.19
700
NIN-HJ180JTRF
G,J,K,M
18
250
30@250MHz
3100
0.20
700
NIN-HJ220JTRF
G,J,K,M
22
250
35@250MHz
3000
0.23
700
NIN-HJ270JTRF
G,J,K,M
27
250
35@250MHz
2800
0.20
600
NIN-HJ330JTRF
G,J,K,M
33
250
35@250MHz
2300
0.22
600
NIN-HJ390JTRF
G,J,K,M
39
250
35@250MHz
2200
0.25
600
NIN-HJ470JTRF
G,J,K,M
47
200
35@250MHz
2000
0.35
600
NIN-HJ560JTRF
G,J,K,M
56
200
35@250MHz
1900
0.38
600
NIN-HJ680JTRF
G,J,K,M
68
200
35@250MHz
1700
0.46
600
NIN-HJ720JTRF
G,J,K,M
72
150
34@250MHz
1700
0.46
400
NIN-HJ820JTRF
G,J,K,M
82
150
34@250MHz
1700
0.46
400
NIN-HJR10JTRF
G,J,K,M
100
150
34@250MHz
1400
0.52
400
NIN-HJR11JTRF
G,J,K,M
110
150
32@250MHz
1350
0.79
300
NIN-HJR12JTRF
G,J,K,M
120
150
32@250MHz
1300
0.82
300
NIN-HJR15JTRF
G,J,K,M
150
150
28@150MHz
990
1.00
280
NIN-HJR18JTRF
G,J,K,M
180
100
25@100MHz
990
1.20
240
NIN-HJR22JTRF
G,J,K,M
220
100
25@100MHz
990
2.00
200
NIN-HJR27JTRF
G,J,K,M
270
100
24@100MHz
990
2.30
170



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com