Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIN-HDR10JTRF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NIN-HDR10JTRF
Description  Wirewound Chip Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-HDR10JTRF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NIN-HDR10JTRF Datasheet HTML 1Page - NIC-Components Corp. NIN-HDR10JTRF Datasheet HTML 2Page - NIC-Components Corp. NIN-HDR10JTRF Datasheet HTML 3Page - NIC-Components Corp. NIN-HDR10JTRF Datasheet HTML 4Page - NIC-Components Corp. NIN-HDR10JTRF Datasheet HTML 5Page - NIC-Components Corp. NIN-HDR10JTRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
44
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NIN-HC SERIES
C-SIZE (1008)
STANDARD VALUES
Wirewound Chip Inductors
NIN-H Series
NIC
P/N
iNDUCTANCE
TOLERANCE
INDUCTANCE
VALUE (nH)
FREQUENCY
(MHz)
Q FACTOR
SRF
(MHz)
Minimum
Rated DC
Resistance
(ohms)
Rated DC
Current
(mA)
NIN-HC100JTRF
J,K,M
10
50
50@500MHz
4100
0.08
1000
NIN-HC120JTRF
J,K,M
12
50
50@500MHz
3300
0.09
1000
NIN-HC150JTRF
J,K,M
15
50
40@500MHz
2500
0.1
500
NIN-HC180JTRF
J,K,M
18
50
50@350MHz
2500
0.11
1000
NIN-HC220JTRF
J,K,M
22
50
55@350MHz
2400
0.12
1000
NIN-HC270JTRF
J,K,M
27
50
55@350MHz
1600
0.13
1000
NIN-HC330JTRF
G,J,K,M
33
50
60@350MHz
1600
0.14
1000
NIN-HC390JTRF
G,J,K,M
39
50
60@350MHz
1500
0.15
1000
NIN-HC470JTRF
G,J,K,M
47
50
65@350MHz
1500
0.16
1000
NIN-HC560JTRF
G,J,K
56
50
65@350MHz
1300
0.18
1000
NIN-HC680JTRF
G,J,K
68
50
65@350MHz
1300
0.2
1000
NIN-HC820JTRF
G,J,K
82
50
60@350MHz
1000
0.22
1000
NIN-HCR10JTRF
G,J,K
100
25
60@350MHz
1000
0.56
650
NIN-HCR12JTRF
G,J,K
120
25
60@350MHz
950
0.63
650
NIN-HCR15JTRF
G,J,K
150
25
45@100MHz
850
0.7
580
NIN-HCR18JTRF
G,J,K
180
25
45@100MHz
750
0.77
620
NIN-HCR22JTRF
G,J,K
220
25
45@100MHz
700
0.84
500
NIN-HCR27JTRF
G,J,K
270
25
45@100MHz
600
0.91
500
NIN-HCR33JTRF
G,J,K
330
25
45@100MHz
570
1.05
450
NIN-HCR39JTRF
G,J,K
390
25
45@100MHz
500
1.12
470
NIN-HCR47JTRF
G,J,K
470
25
45@100MHz
450
1.19
470
NIN-HCR56JTRF
G,J,K
560
25
45@100MHz
415
1.33
400
NIN-HCR62JTRF
G,J,K
620
25
45@100MHz
375
1.4
400
NIN-HCR68JTRF
G,J,K
680
25
45@100MHz
375
1.47
400
NIN-HCR75JTRF
G,J,K
750
25
45@100MHz
360
1.54
360
NIN-HCR82JTRF
G,J,K
820
25
45@100MHz
350
1.61
360
NIN-HCR91JTRF
G,J,K
910
25
35@50MHz
320
1.68
330
NIN-HC1R0JTRF
G,J,K
1000
25
35@50MHz
290
1.75
330
NIN-HC1R2JTRF
G,J,K
1200
7.9
35@50MHz
250
2
280
NIN-HC1R5JTRF
G,J,K
1500
7.9
28@50MHz
200
2.3
280
NIN-HC1R8JTRF
G,J,K
1800
7.9
28@50MHz
160
2.6
270
NIN-HC2R2JTRF
G,J,K
2200
7.9
22@50MHz
160
2.8
250
NIN-HC2R7JTRF
G,J,K
2700
7.9
22@25MHz
140
4.78
250
NIN-HC3R3JTRF
G,J,K
3300
7.9
22@25MHz
110
5.26
250
NIN-HC3R9JTRF
G,J,K
3900
7.9
20@25MHz
100
5.75
230
NIN-HC4R7JTRF
G,J,K
4700
7.9
18@25MHz
90
6.3
230



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com