Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0022 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MABACT0022
Description  1:1 RF Flux Coupled Transformer 5 - 50 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0022 Datasheet(HTML) 2 Page - Tyco Electronics

  MABACT0022 Datasheet HTML 1Page - Tyco Electronics MABACT0022 Datasheet HTML 2Page - Tyco Electronics MABACT0022 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Parameter
Absolute Maximum
RF Power
1 Watt
Internal Load Dissipation
0.125 Watt
Storage Temperature
-40
° C to +85°C
Operating Temperature
-40
° C to +80°C
Insertion Loss (reference value –10.66dB)
Input Return Loss
Typical Performance @ +25
° C
1:1 Flux Coupled Transformer, 5 – 50 MHz
MABACT0022
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
RevA
Absolute Maximum Ratings
Operating Characteristics
Function
Pin No.
Primary Dot (Input)
4
Primary (Ground)
5
Secondary Dot
(output port2)
3
Secondary
(output port1)
1
Center Tap (Ground)
2
-12.66
-12.16
-11.66
-11.16
-10.66
-10.16
-9.66
1
11
21
31
41
51
Frequency (MHz)
Schematic
-30
-25
-20
-15
-10
-5
0
1
11
21
31
41
51
Frequency (MHz)
61
61



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com