Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0022 Datasheet (PDF) - Tyco Electronics

MABACT0022 Datasheet PDF - Tyco Electronics
Part # MABACT0022
Download  MABACT0022 Download
File Size   99.75 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1:1 RF Flux Coupled Transformer 5 - 50 MHz

MABACT0022 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0022 Datasheet PDF - Tyco Electronics

Part # MABACT0022
Download  MABACT0022 Click to download

File Size   99.75 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1:1 RF Flux Coupled Transformer 5 - 50 MHz

MABACT0022 Datasheet (HTML) - Tyco Electronics


MABACT0022 Product details

Description
M/A-COM’s MABACT0022 is a 1:1 RF flux coupled transformer in a low cost, surface mount package. The windings of the MABACT0022 are welded to the package substrate for improved reliability and reduced lead content. This Transformer is ideally suited for CATV and Satellite STB/Subscriber applications.

Features
• Surface Mount
• 1:1 Impedance
• Available on Tape & Reel




Similar Part No. - MABACT0022

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0022 MA-COM-MABACT0022 Datasheet
61Kb / 3P
1:1 RF Flux Coupled Transformer 5-50 MHz
More results


Similar Description - MABACT0022

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007532-CF18A0 MACOM-MABA-007532-CF18A0 Datasheet
77Kb / 3P
1:1 Flux Coupled Transformer 5-50 MHz
MABA-007819-CF48A0 MACOM-MABA-007819-CF48A0 Datasheet
70Kb / 3P
4:1 RF Flux Coupled Transformer 5-200MHz
ETC1-1T-13 MACOM-ETC1-1T-13 Datasheet
78Kb / 3P
RF 1:1 Flux Coupled Transformer 5.0 - 120 MHz
logo
M/A-COM Technology Solu...
MABACT0022 MA-COM-MABACT0022 Datasheet
61Kb / 3P
1:1 RF Flux Coupled Transformer 5-50 MHz
MABA-007532-CF18A0 MA-COM-MABA-007532-CF18A0 Datasheet
96Kb / 3P
Transformer, 1:1 Flux Coupled Transformer 5 to 200 MHz
MABA-008124-CF1FA0 MA-COM-MABA-008124-CF1FA0 Datasheet
91Kb / 3P
1:1 Flux Coupled Transformer 5 - 100 MHz
MABA-008965-CF1160 MA-COM-MABA-008965-CF1160 Datasheet
97Kb / 3P
1:1 Flux Coupled Balun Transformer 5 - 120 MHz
MABA-009005-CF1A40 MA-COM-MABA-009005-CF1A40 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer 5 - 120 MHz
MABA-009109-CF1A40 MA-COM-MABA-009109-CF1A40 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer 5 - 120 MHz
MABA-009852-CF1A40 MA-COM-MABA-009852-CF1A40 Datasheet
776Kb / 8P
1:1 Flux Coupled Balun Transformer 5 - 300 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com