Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0022 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MABACT0022 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MABACT0022
Download  MABACT0022 Download
File Size   61.67 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 1:1 RF Flux Coupled Transformer 5-50 MHz

MABACT0022 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0022 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MABACT0022
Download  MABACT0022 Click to download

File Size   61.67 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 1:1 RF Flux Coupled Transformer 5-50 MHz

MABACT0022 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MABACT0022 Product details

Description
M/A-COM’s MABACT0022 is a 1:1 RF flux coupled transformer in a low cost, surface mount
package. The windings of the MABACT0022 are welded to the package substrate for improved reliability and reduced lead content. This Transformer is ideally suited for CATV and Satellite STB/Subscriber applications.

Features
• Surface Mount
• 1:1 Impedance
• Available on Tape and Reel.




Similar Part No. - MABACT0022

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0022 MACOM-MABACT0022 Datasheet
99Kb / 3P
1:1 RF Flux Coupled Transformer 5 - 50 MHz
More results


Similar Description - MABACT0022

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007532-CF18A0 MACOM-MABA-007532-CF18A0 Datasheet
77Kb / 3P
1:1 Flux Coupled Transformer 5-50 MHz
MABA-007819-CF48A0 MACOM-MABA-007819-CF48A0 Datasheet
70Kb / 3P
4:1 RF Flux Coupled Transformer 5-200MHz
ETC1-1T-13 MACOM-ETC1-1T-13 Datasheet
78Kb / 3P
RF 1:1 Flux Coupled Transformer 5.0 - 120 MHz
MABACT0022 MACOM-MABACT0022 Datasheet
99Kb / 3P
1:1 RF Flux Coupled Transformer 5 - 50 MHz
logo
M/A-COM Technology Solu...
MABA-007532-CF18A0 MA-COM-MABA-007532-CF18A0 Datasheet
96Kb / 3P
Transformer, 1:1 Flux Coupled Transformer 5 to 200 MHz
MABA-008124-CF1FA0 MA-COM-MABA-008124-CF1FA0 Datasheet
91Kb / 3P
1:1 Flux Coupled Transformer 5 - 100 MHz
MABA-008965-CF1160 MA-COM-MABA-008965-CF1160 Datasheet
97Kb / 3P
1:1 Flux Coupled Balun Transformer 5 - 120 MHz
MABA-009005-CF1A40 MA-COM-MABA-009005-CF1A40 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer 5 - 120 MHz
MABA-009109-CF1A40 MA-COM-MABA-009109-CF1A40 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer 5 - 120 MHz
MABA-009852-CF1A40 MA-COM-MABA-009852-CF1A40 Datasheet
776Kb / 8P
1:1 Flux Coupled Balun Transformer 5 - 300 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com