Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0022 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0022
Description  1:1 RF Flux Coupled Transformer 5-50 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0022 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABACT0022 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0022 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0022 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
1:1 RF Flux Coupled Transformer
5-50 MHz
M/A-COM Products
Released - Rev. V1
MABACT0022
Features
• Surface Mount
• 1:1 Impedance
• Available on Tape and Reel.
Description
M/A-COM’s MABACT0022 is a 1:1 RF flux cou-
pled transformer in a low cost, surface mount
package. The windings of the MABACT0022 are
welded to the package substrate for improved reli-
ability and reduced lead content. This Transformer
is ideally suited for CATV and Satellite STB/
Subscriber applications.
Ordering Information
Part Number
Package
MABACT0022
2000
Note: Reference Application Note M513 for reel size information.
Pin No.
Function
1
Secondary (Output Port 1)
3
Secondary Dot (Output Port 2)
4
Primary Dot (Input)
5
Primary (Ground)
2
Center Tap (Ground)
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Pin Configuration
Case Style: SM-138


Similar Part No. - MABACT0022

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0022 MACOM-MABACT0022 Datasheet
99Kb / 3P
1:1 RF Flux Coupled Transformer 5 - 50 MHz
More results

Similar Description - MABACT0022

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007532-CF18A0 MACOM-MABA-007532-CF18A0 Datasheet
77Kb / 3P
1:1 Flux Coupled Transformer 5-50 MHz
MABA-007819-CF48A0 MACOM-MABA-007819-CF48A0 Datasheet
70Kb / 3P
4:1 RF Flux Coupled Transformer 5-200MHz
ETC1-1T-13 MACOM-ETC1-1T-13 Datasheet
78Kb / 3P
RF 1:1 Flux Coupled Transformer 5.0 - 120 MHz
MABACT0022 MACOM-MABACT0022 Datasheet
99Kb / 3P
1:1 RF Flux Coupled Transformer 5 - 50 MHz
logo
M/A-COM Technology Solu...
MABA-007532-CF18A0 MA-COM-MABA-007532-CF18A0 Datasheet
96Kb / 3P
Transformer, 1:1 Flux Coupled Transformer 5 to 200 MHz
MABA-008124-CF1FA0 MA-COM-MABA-008124-CF1FA0 Datasheet
91Kb / 3P
1:1 Flux Coupled Transformer 5 - 100 MHz
MABA-008965-CF1160 MA-COM-MABA-008965-CF1160 Datasheet
97Kb / 3P
1:1 Flux Coupled Balun Transformer 5 - 120 MHz
MABA-009005-CF1A40 MA-COM-MABA-009005-CF1A40 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer 5 - 120 MHz
MABA-009109-CF1A40 MA-COM-MABA-009109-CF1A40 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer 5 - 120 MHz
MABA-009852-CF1A40 MA-COM-MABA-009852-CF1A40 Datasheet
776Kb / 8P
1:1 Flux Coupled Balun Transformer 5 - 300 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com