Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 17Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 18Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 19Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 20Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 21Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 22Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 23Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 24Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
MC68HC05C9A Advance Information Data Sheet, Rev. 5.1
Freescale Semiconductor
21
Chapter 2
Memory
2.1 Introduction
The microcontroller unit (MCU) has a 16-Kbyte memory map. The memory map consists of:
•
Input/output (I/O), control, and status registers
•
User random-access memory (RAM)
•
User read-only memory (ROM)
•
Self-check ROM
•
Reset and interrupt vectors
See Figure 2-1 and Figure 2-2.
Two control bits in the option register ($3FDF) allow the user to switch between RAM and ROM at any
time in two special areas of the memory map, $0020–$004F (48 bytes) and $0100–$017F (128 bytes).
2.2 RAM
The main user RAM consists of 176 bytes at $0050–$00FF. This RAM area is always present in the
memory map and includes a 64-byte stack area. The stack pointer can access 64 bytes of RAM in the
range $00FF down to $00C0.
NOTE
Using the stack area for data storage or temporary work locations requires
care to prevent it from being overwritten due to stacking from an interrupt
or subroutine call.
Two additional RAM areas are available at $0020–$004F (48 bytes) and $0100–$017F (128 bytes) (see
Figure 2-1 and Figure 2-2.) These may be accessed at any time by setting the RAM0 and RAM1 bits,
respectively, in the option register.
Refer to 1.4 Software-Programmable Options for additional information.
2.3 ROM
The user ROM consists of 48 bytes of page zero ROM from $0020 to $004F, 15,872 bytes of ROM from
$0100 to $3EFF, and 16 bytes of user vectors from $3FF0 to $3FFF.
2.4 ROM Security
A security feature has been incorporated into the MC68HC05C9A to help prevent external access to the
contents of the ROM in any mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com