Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 45Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 46Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 47Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 48Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 49Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 50Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 51Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 52Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 124 page
background image
Timer I/O Registers
MC68HC05C9A Advance Information Data Sheet, Rev. 5.1
Freescale Semiconductor
49
8.3.3 Timer Registers
The timer registers (TRH and TRL), shown in Figure 8-4, contain the current high and low bytes of the
16-bit counter. Reading TRH before reading TRL causes TRL to be latched until TRL is read. Reading
TRL after reading the timer status register clears the timer overflow flag (TOF). Writing to the timer
registers has no effect.
8.3.4 Alternate Timer Registers
The alternate timer registers (ATRH and ATRL), shown in Figure 8-5, contain the current high and low
bytes of the 16-bit counter. Reading ATRH before reading ATRL causes ATRL to be latched until ATRL
is read. Reading ATRL has no effect on the timer overflow flag (TOF). Writing to the alternate timer
registers has no effect.
Figure 8-5. Alternate Timer Registers (ATRH and ATRL)
NOTE
To prevent interrupts from occurring between readings of ATRH and ATRL,
set the interrupt flag in the condition code register before reading ATRH,
and clear the flag after reading ATRL.
Address:
$0018 — TRH
Bit 7
654321
Bit 0
Read:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Write
Reset:
11111111
Address:
$0019 — TRL
Bit 7
654321
Bit 0
Read:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Write:
Reset:
11111100
= Unimplemented
Figure 8-4. Timer Registers (TRH and TRL)
Address:
$001A — ATRH
Bit 7
654321
Bit 0
Read:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Write:
Reset:
11111111
Address:
$001B — ATRL
Bit 7
654321
Bit 0
Read:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Write:
Reset:
11111100
= Unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com