Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7900 Datasheet(PDF) 7 Page - Micro Electronics

Part # ML7900
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

ML7900 Datasheet(HTML) 7 Page - Micro Electronics

Back Button ML7900 Datasheet HTML 2Page - Micro Electronics ML7900 Datasheet HTML 3Page - Micro Electronics ML7900 Datasheet HTML 4Page - Micro Electronics ML7900 Datasheet HTML 5Page - Micro Electronics ML7900 Datasheet HTML 6Page - Micro Electronics ML7900 Datasheet HTML 7Page - Micro Electronics ML7900 Datasheet HTML 8Page - Micro Electronics ML7900 Datasheet HTML 9Page - Micro Electronics ML7900 Datasheet HTML 10Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1. Application Circuit
Positive/Negative Voltage Supply
Note :
2. Note in Application Circuit
( 1 )
( 2 )
* In case of negative voltage regulator, reverse the SBD and capacitor direction.
In the following explain only the positive regulator unless otherwise specified. However they can apply to the
negative voltage regulator by easy change.
In the above positive and negative
power supply application, D1 and D2
should be connected. If D1 and D2
are not connected, either of positive
or negative power supply circuit may
not turns on.
If the higher voltage (above the rated value) or lower voltage (GND-0.5V) is supplied to the input
terminals, the IC may be destroyed. To avoid such a case, a zener diode or other parts of the surge
supressor should be connected as shown below.
If the higher voltage than the input terminal is supplied to the output terminal, the IC may be
destroyed. To avoid input terminal short to the GND or the stored voltage in the capacitor back to the
output terminal, by the large value capacitor connecting to the output terminal application, the SBD
should be required as shown below;
COM
-Vin
+Vin
0.33uF
0.33uF
OUT
COM
IN
79 series
OUT
GND
IN
78 series
-Vo
+Vo
D2
D1
0.1uF
0.1uF
Vin
Vo
IN
1
OUT
3
Capacitor
+
Ze ner Diode
R
Vo
Vin
Capacitor
+
IN
1
OUT
3
L
Diode
Vin
Vo
Capacitor
+
IN
1
OUT
3
DIODE
Page 7 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com