Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7900 Datasheet(PDF) 3 Page - Micro Electronics

Part # ML7900
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

ML7900 Datasheet(HTML) 3 Page - Micro Electronics

  ML7900 Datasheet HTML 1Page - Micro Electronics ML7900 Datasheet HTML 2Page - Micro Electronics ML7900 Datasheet HTML 3Page - Micro Electronics ML7900 Datasheet HTML 4Page - Micro Electronics ML7900 Datasheet HTML 5Page - Micro Electronics ML7900 Datasheet HTML 6Page - Micro Electronics ML7900 Datasheet HTML 7Page - Micro Electronics ML7900 Datasheet HTML 8Page - Micro Electronics ML7900 Datasheet HTML 9Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PARAMETER
SYMBOL
MIN. TYP. MAX. UNIT
ML7915A / ML7915FA
Output Voltage
Vo
VIN=-23V
Io=0.5A
-14.4
-15.0
-15.6
V
Quiescent Current
IQ
VIN=-23V
Io=0mA
-
2.7
6.0
mA
Load Regulation
ΔVo Io
VIN=-23V
-
60
300
mV
Line Regulation
ΔVo Vin VIN=-17.5 to -30V
Io=0.5A
-
5
300
mV
Ripple Rejection
RR
VIN=-23V
Io=0.5A
ein=2Vp-p
f=120Hz
54
60
-dB
Output Noise Voltage
VNO
VIN=-23V
Io=0.5A
-
375
-
μV
Average Temperature
Cofficient of Output Voltage
ΔVo / ΔT VIN=-23V
Io=5mA
-
-1
-
mV/℃
ML7918A / ML7918FA
Output Voltage
Vo
VIN=-27V
Io=0.5A
-17.3
-18.0
-18.7
V
Quiescent Current
IQ
VIN=-27V
Io=0mA
-
2.7
6.0
mA
Load Regulation
ΔVo Io
VIN=-27V
-
60
360
mV
Line Regulation
ΔVo Vin VIN=-21 to -33V
Io=0.5A
-
5
360
mV
Ripple Rejection
RR
VIN=-27V
Io=0.5A
ein=2Vp-p
f=120Hz
54
60
-dB
Output Noise Voltage
VNO
VIN=-27V
Io=0.5A
-
450
-
μV
Average Temperature
Cofficient of Output Voltage
ΔVo / ΔT VIN=-27V
Io=5mA
-
-1
-
mV/℃
ML7924A / ML7924FA
Output Voltage
Vo
VIN=-33V
Io=0.5A
-23.0
-24.0
-25.0
V
Quiescent Current
IQ
VIN=-33V
Io=0mA
-
2.7
6.0
mA
Load Regulation
ΔVo Io
VIN=-33V
-
85
480
mV
Line Regulation
ΔVo Vin VIN=-28 to -38V
Io=0.5A
-
5
480
mV
Ripple Rejection
RR
VIN=-33V
Io=0.5A
ein=2Vp-p
f=120Hz
54
60
-dB
Output Noise Voltage
VNO
VIN=-33V
Io=0.5A
-
600
-
μV
Average Temperature
Cofficient of Output Voltage
ΔVo / ΔT VIN=-33V
Io=5mA
-
-1
-
mV/℃
ELECTRICAL CHARACTERISTICS
(Tj=25℃,C1=0.33μF,Co=0.1μF)
Measurement is to be conducted
in pulse testing.
TEST CONDITIONS
Io=0.005A to 1.5A
BW=10Hz to 100KHz
Io=0.005A to 1.5A
BW=10Hz to 100KHz
Io=0.005A to 1.5A
BW=10Hz to 100KHz
Page 3 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com