Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPC Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPC
Description  Surface Mount Solid Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPC Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPC Datasheet HTML 1Page - NIC-Components Corp. NPC Datasheet HTML 2Page - NIC-Components Corp. NPC Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
62
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
RECOMMENDED LAND PATTERNS (mm)
Case Code
a
b
c
D1, D6, D7, D8
2.4
2.9
3.7
A
B
C
A
Surface Mount Solid Aluminum
Electrolytic Capacitors
NPC Series
NOTES ON REFLOW SOLDERING:
1. SAC alloy (+217°C) reflow soldering compatible
2. Soldering heat limits apply to the top surface of component
3. If you have concerns about your reflow soldering profile
review them with NIC to insure compatible [tpmg@niccomp.com]
APPLICATION NOTES:
1. NPC Series cannot be used in coupling, time-constant or other
circuits that are greatly affected by leakage current.
2. NPC parts are polarized so be sure to verify component orientation
when mounting components.
3. Do not apply over voltage exceeding the rated voltage.
4. Do not apply ripple current over the specified maximum ripple current
rating.
TAPE DIMENSIONS (mm)
REEL TAPE DIMENSIONS (mm)
C
A
W
B
t
Case
Code
A ±0.1
B ±0.1
C ±0.3
D ±0.05
E ±0.1
F ±0.1
G ±0.05
H ±0.1
J -0/+0.1
K ±0.1
t ±0.05
D1
4.55
7.65
12.0
5.5
1.75
8.0
2.0
4.0
1.5
1.6
0.3
D6
2.1
D7
2.9
D8
3.1
Case
Code
A ±1.0
B ±0.5
C ±0.2
W ±0.5
t ±0.5
Reel
Quantity
D1, D6
330
80
13
13.5
2.0
3,000
D7, D8
2,000
J
F
t
K
A
H
G
TIME (SECONDS)
RECOMMENDED REFLOW SOLDERING PROFILE
Pre-Heat
150oC ~ 180°C
NATURAL COOLING
Peak Temperature
250oC or 260°C Max. for 5 sec.
120 Sec. Max.
250
230
150
100
50
200
Time Above 230°C
40 sec. max.
30 sec. max.
260



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com