Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPC Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPC
Description  Surface Mount Solid Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPC Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPC Datasheet HTML 1Page - NIC-Components Corp. NPC Datasheet HTML 2Page - NIC-Components Corp. NPC Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
60
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Solid Aluminum
Electrolytic Capacitors
NPC Series
CHARACTERISTICS
STANDARD PRODUCTS AND SPECIFICATIONS
• LOW IMPEDANCE & ESR AT HIGH FREQUENCY
• HIGH RIPPLE CURRENT
• REPLACES MULTIPLE TANTALUM CHIPS IN POWER SUPPLIES
• FITS EIA (7343) “D” LAND PATTERNS
• Pb-FREE (GOLD TERMINATION PLATING)
• COMPATIBLE WITH +250°C & +260°C* REFLOW SOLDERING
*Refer to product tables for available +260°C values
Rated Working Range
2.0 ~ 8VDC
Rated Capacitance Range
10 ~ 390
µF
Operating Temperature Range
-55 ~ +105°C
Capacitance Tolerance
± 20% (M)
Max. Leakage Current (
µA)
After 5 Minutes (+20°C)
<0.04CV
Max. Tan
δ, 120Hz, +20°C
D1, D6
<0.05
D7, D8
<0.1
High Temperature Load Life
2,000 Hours @ 105°C
at Rated Working Voltage
Capacitance Change
Within ±20% of initial measured value
Tan
δ
D7, D8 (D1 10
µF/6.3V) Less than 150% of specified max. value
D1, D6
Less than 200% of specified max. value
Leakage Current
Less than specified max. value
Moisture Resistance*
500 Hours @ +60°C at 90 ~ 95% RH
and No Voltage Applied
Capacitance Change
Within -20%/+40% of initial measured value
Tan
δ
D7, D8
Less than 150% of specified max. value
D1, D6
Less than 200% of specified max. value
Leakage Current
Less than 300% of specified max. value
Less than 500% of specified max. value for D1 10
µF/6.3V
NIC Part Number
(+250°C Reflow)
NIC Part Number
(+260°C Reflow)
WV
Cap.
Max. LC
Tan
δ Max. Ripple Current
100KHz @ +105°C
Max. ESR
+20°C & 100KHz (
Ω)
Height
H ± 0.1
(Vdc)
(
µF)
(
µA)
NPC101M2D1ZTRF
NPC101M2D1ZATRF
2
100
8.0
0.05
3,000
0.009
1.4
NPC101M2D6XTRF
NPC101M2D6XATRF
100
8.0
0.05
3,000
0.013
1.9
NPC101M2D6ZTRF
NPC101M2D6ZATRF
100
8.0
0.05
3,000
0.009
1.9
NPC121M2D6ZTRF
-
120
9.6
0.05
3,000
0.009
1.9
NPC151M2D6ZTRF
-
150
12.0
0.05
3,000
0.009
1.9
NPC181M2D6ZTRF
-
180
14.4
0.05
3,000
0.009
1.9
NPC221M2D6ZTRF
-
220
17.6
0.05
3,000
0.009
1.9
NPC221M2D7XTRF
NPC221M2D7XATRF
220
17.6
0.10
3,500
0.010
2.7
NPC271M2D8ZTRF
-
270
21.6
0.10
3,500
0.007
2.9
NPC331M2D8ZTRF
-
330
26.4
0.10
3,500
0.007
2.9
NPC391M2D8ZTRF
-
390
31.2
0.10
3,500
0.007
2.9
NPC820M2.5D1ZTRF NPC820M2.5D1ZATRF
2.5
82
8.2
0.05
3,000
0.009
1.4
NPC820M2.5D6XTRF NPC820M2.5D6XATRF
82
8.2
0.05
3,000
0.013
1.9
NPC820M2.5D6ZTRF NPC820M2.5D6ZATRF
82
8.2
0.05
3,000
0.009
1.9
NPC101M2.5D6ZTRF
-
100
10.0
0.05
3,000
0.009
1.9
NPC121M2.5D6ZTRF
-
120
12.0
0.05
3,000
0.009
1.9
NPC151M2.5D6ZTRF
-
150
15.0
0.05
3,000
0.009
1.9
NPC181M2.5D7XTRF NPC181M2.5D7XATRF
180
18.0
0.10
3,500
0.010
2.7
NPC221M2.5D8ZTRF
-
220
22.0
0.10
3,500
0.007
2.9
NPC271M2.5D8ZTRF
-
270
27.0
0.10
3,500
0.007
2.9
NPC331M2.5D8ZTRF
-
330
33.0
0.10
3,500
0.007
2.9
NPC680M4D1ZTRF
NPC680M4D1ZATRF
4
68
10.9
0.05
3,000
0.009
1.4
NPC680M4D6XTRF
NPC680M4D6XATRF
68
10.9
0.05
3,000
0.013
1.9
NPC680M4D6ZTRF
NPC680M4D6ZATRF
68
10.9
0.05
3,000
0.009
1.9
NPC820M4D6XTRF
-
82
13.1
0.05
3,000
0.010
1.9
NPC101M4D6XTRF
-
100
16.0
0.05
3,000
0.010
1.9
NPC121M4D6XTRF
-
120
19.2
0.05
3,000
0.010
1.9
NPC151M4D6XTRF
-
150
24.0
0.05
3,000
0.010
1.9
NPC151M4D7XTRF
NPC151M4D7XATRF
150
24.0
0.10
3,500
0.010
2.7
FEATURES
*JEDEC MSL-3
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NPC

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
NPC MERITEK-NPC Datasheet
278Kb / 1P
Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
NPC-100 ETC2-NPC-100 Datasheet
149Kb / 4P
NovaSensor Disposable Medical Pressure Sensors
logo
Amphenol Corporation
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
Solid state, high reliability
NPC-100-T AMPHENOL-NPC-100-T Datasheet
109Kb / 4P
Solid state, high reliability
logo
List of Unclassifed Man...
NPC-1101 ETC2-NPC-1101 Datasheet
170Kb / 1P
Snagless cat5e patch cords
More results

Similar Description - NPC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACK NIC-NACK Datasheet
48Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NACNW NIC-NACNW Datasheet
172Kb / 1P
Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NSP NIC-NSP Datasheet
72Kb / 5P
Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NPC NIC-NPC_14 Datasheet
103Kb / 4P
Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
NSP NIC-NSP_14 Datasheet
257Kb / 6P
Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com