Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6201P302MHG Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML6201P302MHG
Description  Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6201P302MHG Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML6201P302MHG Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6201P302MHG Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6201P302MHG Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6201P302MHG Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6201P302MHG Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6201P302MHG Datasheet HTML 6Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P1/6
Rev. A, June 2005
ML6201
ML6201 Series Positive Voltage Regulator
Application
Battery Powered Equipment
Palmtops
Portable Cameras and Video Recorders
Reference Voltage Sources
Features
CMOSLowPowerConsumption:
Typical3.3uAatVout=5.0V
OutputVoltageRange :1.1Vto6.0Vin0.1Vincrements
HighlyAccurate:
OutputVoltage+3%for1.1Vto 1.9V
OutputVoltage+2%for2.0Vto 6.0V
MaximumOutputCurrent:250mA
(withinthe maximumpower dissipation,Vout=5.0V)
SmallInput-OutputVoltageDifferential:
0.16Vat100mAand 0.4Vat 200mA
Input stability:Typ. 0.2%/V
PackageAvailable:
SOT- 23-5 (250mW), SOT-89(500mW) &
TO-92(300mW)
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
10
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3 ~VIN+0.3
V
SOT-23-5
250
SOT-89
500
Continuous
Total Power
Dissipation
TO-92
Pd
300
mW
Operating Ambient Temperature
Topr
-40 ~ +70
oC
Storage Temperature
Tstg
-40 ~ +70
oC
General Description
The ML6201 is a group of positive voltage output,
three-pin regulator which provides high output
current
even
when
the
input/output
voltage
differential is small.
The ML6201 consists of a high-precision voltage
reference, an error correction circuit, and a current
limited output driver.
Block Diagram


Similar Part No. - ML6201P302MHG

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
High Speed LDO Regulators
ML6206 MINILOGIC-ML6206 Datasheet
542Kb / 13P
ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
ML6206P302MBG MINILOGIC-ML6206P302MBG Datasheet
542Kb / 13P
ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
ML6206P302MBGG MINILOGIC-ML6206P302MBGG Datasheet
542Kb / 13P
ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
ML6206P302MHG MINILOGIC-ML6206P302MHG Datasheet
542Kb / 13P
ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
More results

Similar Description - ML6201P302MHG

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
Positive Voltage Regulator
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
Positive-Voltage Regulator
ET-78LXX ESTEK-ET-78LXX Datasheet
594Kb / 12P
Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
Positive-Voltage Regulator
ET-78XX ESTEK-ET-78XX Datasheet
524Kb / 10P
Positive-Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com