Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NML08DR10TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NML08DR10TRF
Description  Multilayer Chip Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NML08DR10TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NML08DR10TRF Datasheet HTML 1Page - NIC-Components Corp. NML08DR10TRF Datasheet HTML 2Page - NIC-Components Corp. NML08DR10TRF Datasheet HTML 3Page - NIC-Components Corp. NML08DR10TRF Datasheet HTML 4Page - NIC-Components Corp. NML08DR10TRF Datasheet HTML 5Page - NIC-Components Corp. NML08DR10TRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
4
5
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Multilayer Chip Inductors
NML Series
FEATURES
• Designed for High Frequency Applications
• Available in EIA 0402, 0603 and 0805Case Sizes
• High Q and SRF Characteristics
• Tight Tolerance D (0.3nH) and J ( 5%)
• Tape and Reel Packaging for Automatic Pick & Place
SPECIFICATIONS
t
s
e
T
n
o
it
a
c
if
i
c
e
p
S
n
o
it
i
d
n
o
C
&
d
o
h
t
e
M
t
s
e
T
y
ti
li
b
a
r
e
d
l
o
S
e
g
a
r
e
v
o
C
.
n
i
M
%
5
7
0
3
2
+
n
i
p
i
D
.
c
e
S
5
r
e
tf
A
o
)
x
u
l
F
t
s
o
P
(
t
o
P
r
e
d
l
o
S
C
e
c
n
a
t
s
i
s
e
R
y
ti
d
i
m
u
H
e
g
a
m
a
D
f
o
e
c
n
e
d
i
v
E
o
N
)
1
(
e
u
l
a
V
l
a
it
i
n
I
f
o
%
0
1
±
n
i
h
ti
W
e
B
ll
a
h
S
e
c
n
a
t
c
u
d
n
I
)
2
(
e
u
l
a
V
l
a
it
i
n
I
f
o
%
0
2
±
n
i
h
ti
W
e
B
ll
a
h
S
r
o
t
c
a
F
Q
)
3
(
0
6
t
a
s
r
H
0
0
5
r
e
tf
A
o
)
d
a
o
L
o
N
(
H
R
%
5
9
-
0
9
d
n
a
C
t
c
e
ff
E
g
n
ir
e
d
l
o
S
0
6
2
+
t
a
s
d
n
o
c
e
S
0
1
r
e
tf
A
o
0
5
1
,
e
t
u
n
i
M
3
(
C
o
)
t
a
e
H
-
e
r
P
C
n
o
it
a
r
b
i
V
y
c
n
e
u
q
e
r
F
w
o
L
k
c
o
h
S
l
a
m
r
e
h
T
5
8
+
(
s
e
l
c
y
C
0
0
1
r
e
tf
A
o
h
c
a
e
r
u
o
h
1
)
C
°
0
4
-
n
e
h
t
C
e
g
a
r
o
t
S
e
r
u
t
a
r
e
p
m
e
T
w
o
L
e
fi
L
d
a
o
L
e
r
u
t
a
r
e
p
m
e
T
h
g
i
H
e
g
a
m
a
D
f
o
e
c
n
e
d
i
v
E
o
N
)
1
(
n
i
h
ti
W
e
B
ll
a
h
S
e
c
n
a
t
c
u
d
n
I
)
2
(
+
e
u
l
a
V
l
a
it
i
n
I
f
o
%
0
1
e
u
l
a
V
l
a
it
i
n
I
f
o
%
0
2
±
n
i
h
ti
W
e
B
ll
a
h
S
r
o
t
c
a
F
Q
)
3
(
5
8
t
a
s
r
H
0
0
5
r
e
tf
A
o
t
n
e
r
r
u
C
C
D
d
e
t
a
R
h
ti
w
C
e
fi
L
d
a
o
L
y
ti
d
i
m
u
H
0
6
t
a
s
r
H
0
0
5
r
e
tf
A
o
t
n
e
r
r
u
C
C
D
d
e
t
a
R
h
ti
w
H
R
%
5
9
-
0
9
h
ti
w
C
ENVIRONMENTAL CHARACTERISTICS
PART AND LAND PATTERN DIMENSIONS
Termination Material/Thickness:
10µM Ni/Sn/Pb over 40µM Ag
Body Composition:
Al
2O3 /B2O3 /SiO2
Internal Coil: Ag
w
L
H
t
t
A
A
B
C
Component
Solder
Pads
NML 04 J 22N TR F
Pb-free/RoHS compliant
Packaging: TR = Tape/Reel
Inductance Code (N=decimal point) in nano-henries
(Ex. 2N2 = 2.2nH, 33N=33nH, R10=100nH)
Tolerance Code (D=±0.3nH, J=±5%, K=±10%)
Size Code: 04=0402, 06=0603, 08=0805
Series
PART NUMBER SYSTEM
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
NML Multilayer High Frequency Inductors
Specifications
0402
0603
0805
Inductance Range
1.0 ~ 120nH 1.5 ~ 220nH 1.5 ~ 470nH
Inductance Tolerance
D(±0.3nH), J (±5%), K (±10%)
Operating Temperature Range
-40°C ~ +85°C
Q-Factor, Self Resonant Frequency,
DC Resistance, Rated DC Current
and Inductance Tolerance
See Individual
Product Listings
Series
L
W
H
t
A
B
C
NML04
1.0 ± 0.05
0.5 ± 0.05
0.5 ± 0.05
0.25 ± 0.1
0.50 ± 0.05 0.50 ± 0.05 0.50 ± 0.05
NML06
1.6 ± 0.10
0.8 ± 0.10
0.8 ± 0.15
0.30 ± 0.2
0.70 ± 0.10 0.70 ± 0.10 0.70 ± 0.10
NML08
2.0 ± 0.2
1.25 ± 0.20 0.85 ± 0.20
1.25 ± 0.20 0.50 ± 0.30 1.00 ± 0.10 1.00 ± 0.10 1.00 ± 0.10


Similar Part No. - NML08DR10TRF

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NML0505 CANDD-NML0505 Datasheet
100Kb / 2P
Isolated 2W Single Output DC-DC Converters
NML0505S CANDD-NML0505S Datasheet
100Kb / 2P
Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NML0505SC MURATA-NML0505SC Datasheet
206Kb / 5P
Isolated 2W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NML0505SC MURATA-PS-NML0505SC Datasheet
219Kb / 8P
Isolated 2W Single Output DC-DC Converters
2023
logo
C&D Technologies
NML0509S CANDD-NML0509S Datasheet
100Kb / 2P
Isolated 2W Single Output DC-DC Converters
More results

Similar Description - NML08DR10TRF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
Multilayer Chip Inductors
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com