Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLB Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # MLB
Description  Lowband Quarter Wave Antennas
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

MLB Datasheet(HTML) 1 Page - PCTEL, Inc.

  MLB Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCTEL, Inc. WEB: www.antenna.com
MOBILE ANTENNAS
MLB Series
* To select spring option, add suffix “S” to part number. Example: MLB4700S ** This model is DC grounded
PCTEL’s MLB lowband antennas are a popular choice for State Patrol, Land
Management and serious CB applications. They provide superior performance for a
variety of lowband applications.
Features
• The matching coil is supported by a low-loss coil form to withstand the heaviest shocks
• Durable, attractive housings designed to deter moisture ingress for long lasting,
reliable operation
• Mates with all 1-1/8”-18 thread mounts, including 3/4” mounts
• Field tunable within specified frequency range
Lowband Quarter Wave Antennas
MLB4700
MLB6600
ELECTRICAL SPECIFICATIONS
Model*
Frequency
Range
Gain
VSWR
Average
Power
Nominal
Impedance
Antenna Type
MLB2700
27-31 MHz
Unity
< 1.5:1
200 watts
50 ohm
Base Loaded 1/4 wave
MLB3000
30-35 MHz
Unity
< 1.5:1
200 watts
50 ohm
Base Loaded 1/4 wave
MLB3400
34-40 MHz
Unity
< 1.5:1
200 watts
50 ohm
Base Loaded 1/4 wave
MLBDC3700(S)**
37-40 MHz
Unity
< 1.5:1
500 watts
50 ohm
Base Loaded Tapped 1/4 Wave
MLB4000
40-47 MHz
Unity
< 1.5:1
200 watts
50 ohm
Base Loaded 1/4 wave
MLBDC4000(S)**
40-47 MHz
Unity
< 1.5:1
500 watts
50 ohm
Base Loaded Tapped 1/4 Wave
MLBDC4700(S)**
47-50 MHz
Unity
< 1.5:1
500 watts
50 ohm
Base Loaded Tapped 1/4 Wave
MLB4700(S)
47-54 MHz
Unity
< 1.5:1
200 watts
50 ohm
Base Loaded 1/4 wave
MLB6600
66-132 MHz
Unity
< 1.5:1
200 watts
50 ohm
Full length ¼ wave
STANDARD CONFIGURATION
Model*
Optional Spring
Available*
Recommended Mounts (Sold Separately)
MLB2700
No
Mates with 1-1/8”-18 thread mounts, including 3/4” mounts
MLB3000
No
Mates with 1-1/8”-18 thread mounts, including 3/4” mounts
MLB3400
No
Mates with 1-1/8”-18 thread mounts, including 3/4” mounts
MLBDC3700(S)**
Yes
Mates with 1-1/8”-18 thread mounts, including 3/4” mounts
MLB4000
No
Mates with 1-1/8”-18 thread mounts, including 3/4” mounts
MLBDC4000(S)**
Yes
Mates with 1-1/8”-18 thread mounts, including 3/4” mounts
MLBDC4700(S)**
Yes
Mates with 1-1/8”-18 thread mounts, including 3/4” mounts
MLB4700(S)
Yes
Mates with 1-1/8”-18 thread mounts, including 3/4” mounts
MLB6600
No
Mates with 1-1/8”-18 thread mounts, including 3/4” mounts
Base Loaded - Lowband Antennas
MECHANICAL SPECIFICATIONS
Model*
Approximate Whip Length at
Lowest Frequency
Temperature Range
Radiator
Spring Material
Housing Material
MLB2700
52”
-40°C to +85°C
17-7 PH SS
N/A
Black UV-Stable Polymer
MLB3000
52”
-40°C to +85°C
17-7 PH SS
N/A
Black UV-Stable Polymer
MLB3400
52”
-40°C to +85°C
17-7 PH SS
N/A
Black UV-Stable Polymer
MLBDC3700(S)**
52”
-40°C to +85°C
17-7 PH SS
SST
Black UV-Stable Polymer
MLB4000
52”
-40°C to +85°C
17-7 PH SS
N/A
Black UV-Stable Polymer
MLBDC4000(S)**
52”
-40°C to +85°C
17-7 PH SS
SST
Black UV-Stable Polymer
MLBDC4700(S)**
52”
-40°C to +85°C
17-7 PH SS
SST
Black UV-Stable Polymer
MLB4700(S)
52”
-40°C to +85°C
17-7 PH SS
SST
Black UV-Stable Polymer
MLB6600
52”
-40°C to +85°C
17-7 PH SS
N/A
Black UV-Stable Polymer
RoHS
COMPLIANT


Similar Part No. - MLB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MLB MARKTECH-MLB Datasheet
648Kb / 2P
Cree ML-B White Series on Linear Board
logo
KITAGAWA GmbH
MLB KGS-MLB Datasheet
2Mb / 3P
Ferrite Chip Bead, high current type
MLB KGS-MLB Datasheet
2Mb / 3P
Ferrite Chip Bead for high speed application
MLB KGS-MLB Datasheet
4Mb / 4P
Ferrite Chip Bead, normal type
logo
List of Unclassifed Man...
MLB-1 ETC2-MLB-1 Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MLB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
Picocell Antennas
logo
Microsemi Corporation
MDT5864 MICROSEMI-MDT5864 Datasheet
167Kb / 2P
HORN ANTENNAS
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
ANTENNAS
logo
Laird Tech Smart Techno...
RD2458-5 LSTD-RD2458-5 Datasheet
449Kb / 2P
Amplified antennas
logo
Pulse A Technitrol Comp...
IOT-K PULSE-IOT-K Datasheet
388Kb / 5P
IoT Antennas
LORA-K PULSE-LORA-K Datasheet
423Kb / 4P
LORA Antennas
SPWH24918 PULSE-SPWH24918 Datasheet
994Kb / 4P
PORTABLE ANTENNAS
logo
Linx Technologies
ANT-433-CW-QW LINX-ANT-433-CW-QW Datasheet
345Kb / 2P
CW Series 쩌-wave antennas deliver outstanding
4/14/14
ANT-868-CW-QW LINX-ANT-868-CW-QW Datasheet
342Kb / 2P
CW Series 쩌-wave antennas deliver outstanding performance
12/9/13
logo
Molex Electronics Ltd.
987651-5071 MOLEX-987651-5071 Datasheet
1Mb / 2P
GNSS Antennas
2020.02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com