Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLB Datasheet (PDF) - KITAGAWA GmbH

MLB Datasheet PDF - KITAGAWA GmbH
Part # MLB
Download  MLB Download
File Size   2943.69 Kbytes
Page   3 Pages
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH
Description Ferrite Chip Bead, high current type

MLB Datasheet (PDF)

Go To PDF Page Download Datasheet
MLB Datasheet PDF - KITAGAWA GmbH

Part # MLB
Download  MLB Click to download

File Size   2943.69 Kbytes
Page   3 Pages
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH
Description Ferrite Chip Bead, high current type

MLB Datasheet (HTML) - KITAGAWA GmbH


MLB Product details

Feature
● MLB (high current type) can be used in high current circuit due to ist low DC resistance.
● It can match power line to a maximum of 6A DC.
● Impedance Range : 30 to 1000 ohm
● Rated Current Range : 1000 mA to 6000 mA
● Operating temperature Range : -40°C to +125°C
● Soldering Method : Reflow of Wave soldering, suitable for lead free soldering
● Packaging Method : Tape & Reel (per EIA Specifications)
● Storage Temperature : max.40°C, RH 70%




Similar Part No. - MLB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MLB MARKTECH-MLB Datasheet
648Kb / 2P
Cree ML-B White Series on Linear Board
logo
PCTEL, Inc.
MLB PCTEL-MLB Datasheet
161Kb / 1P
Lowband Quarter Wave Antennas
logo
KITAGAWA GmbH
MLB KGS-MLB Datasheet
2Mb / 3P
Ferrite Chip Bead for high speed application
MLB KGS-MLB Datasheet
4Mb / 4P
Ferrite Chip Bead, normal type
logo
List of Unclassifed Man...
MLB-1 ETC2-MLB-1 Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results


Similar Description - MLB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLB160808 ETC2-MLB160808 Datasheet
4Mb / 11P
MULTILAYER TYPE HIGH CURRENT FERRITE CHIP BEAD
logo
Socay Electornics Co., ...
SCPB1005S100NPF SOCAY-SCPB1005S100NPF Datasheet
236Kb / 6P
Chip Ferrite Bead for High Current
logo
Abracon Corporation
ACML-0402HC ABRACON-ACML-0402HC Datasheet
1Mb / 3P
Multilayer Ferrite Chip Bead (High Current)
11.11.13
logo
TAI-TECH Advanced Elect...
MBP43 TAI-TECH-MBP43 Datasheet
77Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP31 TAI-TECH-MBP31 Datasheet
81Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB4532 TAI-TECH-HCB4532 Datasheet
92Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB4516 TAI-TECH-HCB4516 Datasheet
85Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB1608 TAI-TECH-HCB1608 Datasheet
101Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB0603 TAI-TECH-HCB0603 Datasheet
89Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
logo
Abracon Corporation
ACML-0805H ABRACON-ACML-0805H Datasheet
1Mb / 3P
Multilayer Ferrite Chip Bead (High Current)
Revised: 07.30.14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com