Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLB Datasheet(PDF) 2 Page - KITAGAWA GmbH

Part # MLB
Description  Ferrite Chip Bead, high current type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

MLB Datasheet(HTML) 2 Page - KITAGAWA GmbH

  MLB Datasheet HTML 1Page - KITAGAWA GmbH MLB Datasheet HTML 2Page - KITAGAWA GmbH MLB Datasheet HTML 3Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
74 HIGH CURRENT FERRITE CHIP BEAD/MLB
Part Co.
Impedance
(Ω)@100MHz±25%
DCR (Ω)max
Rated Current
(mA) max
MLB-160808-0030C25
30
0,050
2500
MLB-160808-0060C30
60
0,040
3000
MLB-160808-0080C30
80
0,040
3000
MLB-160808-0120C30
120
0,040
3000
MLB-160808-0220C15
220
0,150
1500
MLB-160808-0300C20
300
0,100
2000
MLB-160808-0600C10
600
0,200
1000
MLB-201209-0033C40
33
0,035
4000
MLB-201209-0060C40
60
0,035
4000
MLB-201209-0080C50
80
0,020
5000
MLB-201209-0120C50
120
0,020
5000
MLB-201209-0250C30
250
0,040
3000
MLB-201209-0300C30
300
0,040
3000
MLB-201209-0600C20
600
0,100
2000
MLB-201209-1000C10
1000
0,200
1000
MLB-321611-0080C40
80
0,035
4000
MLB-321611-0120C60
120
0,010
6000
MLB-321611-0300C10
300
0,200
1000
MLB-321611-0600C30
600
0,040
3000
MLB-321611-1000C10
1000
0,200
1000
Please contact us if other specification
(Size,Impedance, Rated Current etc.) is needed.
1
10
100
1000
FREQ(MHz)
0
20
40
60
80
100
120
140
FBMA-11-160808-800A30T
XL
R
Z
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
■ MLB-160808-0030C25
■ MLB-160808-0220C15
■ MLB-160808-0060C30
■ MLB-160808-0080C30
■ MLB-160808-0300C20
■ MLB-160808-0120C30
■ MLB-160808-0600C10
Frequency (MHz)
■ MLB-201209-0033C40



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com