Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLB Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # MLB
Description  Ferrite Chip Bead, high current type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

MLB Datasheet(HTML) 1 Page - KITAGAWA GmbH

  MLB Datasheet HTML 1Page - KITAGAWA GmbH MLB Datasheet HTML 2Page - KITAGAWA GmbH MLB Datasheet HTML 3Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
73
●
EMI preventation for power line to a maximum of 6A DC.
●
It is particular effective with unstable grounding.
●
High frequency EMI preventation of computers, printers, VCRs,TVs, and portable telephone.
Ferrite Chip Bead, high current type
●
MLB (high current type) can be used in high current circuit due to ist low DC resistance.
●
It can match power line to a maximum of 6A DC.
●
Impedance Range : 30 to 1000 ohm
●
Rated Current Range : 1000 mA to 6000 mA
●
Operating temperature Range : -40°C to +125°C
●
Soldering Method : Reflow of Wave soldering, suitable for lead free soldering
●
Packaging Method : Tape & Reel (per EIA Specifications)
●
Storage Temperature : max.40°C, RH 70%
Feature
HIGH CURRENT FERRITE CHIP BEAD/MLB
Application
Part Number Code
Shape and Dimensions
MLB
-
160808
-
0010
C
25
Series Name
Size Code
Impedance
(ex.0030=30 Ω ± 25%)
Classification
Rated Current
C=High Current
application
25=2500 mA
SIZE CODE
A
B
C
D
Chips/reel
160808(0603)
1.60+/-0.2
0.80+/-0.2
0.80+/-0.2
0.3+/-0.2
4000
201209(0805)
2.00+/-0.2
1.20+/-0.2
0.90+/-0.2
0.5+/-0.3
4000
321611(1206)
3.20+/-0.2
1.60+/-0.2
1.10+/-0.2
0.5+/-0.3
3000
Unit: mm
Ferrite
Terminal Electrode
A
D
B
C
Notes for MLB Series
Please contact our sales department for the application other than above mentioned indication.
Please ask individual data sheet to verify detailed specification and performance.


Similar Part No. - MLB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MLB MARKTECH-MLB Datasheet
648Kb / 2P
Cree ML-B White Series on Linear Board
logo
PCTEL, Inc.
MLB PCTEL-MLB Datasheet
161Kb / 1P
Lowband Quarter Wave Antennas
logo
KITAGAWA GmbH
MLB KGS-MLB Datasheet
2Mb / 3P
Ferrite Chip Bead for high speed application
MLB KGS-MLB Datasheet
4Mb / 4P
Ferrite Chip Bead, normal type
logo
List of Unclassifed Man...
MLB-1 ETC2-MLB-1 Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MLB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLB160808 ETC2-MLB160808 Datasheet
4Mb / 11P
MULTILAYER TYPE HIGH CURRENT FERRITE CHIP BEAD
logo
Socay Electornics Co., ...
SCPB1005S100NPF SOCAY-SCPB1005S100NPF Datasheet
236Kb / 6P
Chip Ferrite Bead for High Current
logo
Abracon Corporation
ACML-0402HC ABRACON-ACML-0402HC Datasheet
1Mb / 3P
Multilayer Ferrite Chip Bead (High Current)
11.11.13
logo
TAI-TECH Advanced Elect...
MBP43 TAI-TECH-MBP43 Datasheet
77Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP31 TAI-TECH-MBP31 Datasheet
81Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB4532 TAI-TECH-HCB4532 Datasheet
92Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB4516 TAI-TECH-HCB4516 Datasheet
85Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB1608 TAI-TECH-HCB1608 Datasheet
101Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB0603 TAI-TECH-HCB0603 Datasheet
89Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
logo
Abracon Corporation
ACML-0805H ABRACON-ACML-0805H Datasheet
1Mb / 3P
Multilayer Ferrite Chip Bead (High Current)
Revised: 07.30.14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com