Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9995KCPRL Datasheet(PDF) 7 Page - Analog Devices

Part # AD9995KCPRL
Description  12-Bit CCD Signal Processor with Precision Timing ??Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9995KCPRL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9995KCPRL Datasheet HTML 3Page - Analog Devices AD9995KCPRL Datasheet HTML 4Page - Analog Devices AD9995KCPRL Datasheet HTML 5Page - Analog Devices AD9995KCPRL Datasheet HTML 6Page - Analog Devices AD9995KCPRL Datasheet HTML 7Page - Analog Devices AD9995KCPRL Datasheet HTML 8Page - Analog Devices AD9995KCPRL Datasheet HTML 9Page - Analog Devices AD9995KCPRL Datasheet HTML 10Page - Analog Devices AD9995KCPRL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
AD9995
–7–
TERMINOLOGY
Differential Nonlinearity (DNL)
An ideal ADC exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Therefore,
every code must have a finite width. No missing codes guaran-
teed to 12-bit resolution indicates that all 4096 codes must be
present over all operating conditions.
Peak Nonlinearity
Peak nonlinearity, a full signal chain specification, refers to
the peak deviation of the output of the AD9995 from a true
straight line. The point used as zero scale occurs 0.5 LSB
before the first code transition. Positive full scale is defined as
a level 1.5 LSB beyond the last code transition. The deviation
is measured from the middle of each particular output code to
the true straight line. The error is then expressed as a percent-
age of the 2 V ADC full-scale signal.The input signal is always
appropriately gained up to fill the ADC’s full-scale range.
Total Output Noise
The rms output noise is measured using histogram techniques.
The standard deviation of the ADC output codes is calculated in
LSB and represents the rms noise level of the total signal chain at
the specified gain setting.The output noise can be converted to
an equivalent voltage using the relationship 1 LSB = (ADC Full
Scale/2n codes), where n is the bit resolution of the ADC. For the
AD9995, 1 LSB is 0.488 mV.
Power Supply Rejection (PSR)
The PSR is measured with a step change applied to the supply
pins.The PSR specification is calculated from the change in the
data outputs for a given step change in the supply voltage.
EQUIVALENT CIRCUITS
R
AVDD
AVSS
AVSS
Circuit 1. CCDIN
DVDD
DVSS
DRVSS
DRVDD
THREE-
STATE
DATA
DOUT
Circuit 2. Digital Data Outputs
DVDD
DVSS
Circuit 3. Digital Inputs
HVDD OR
RGVDD
HVSS OR
RGVSS
OUTPUT
RG, H1–H4
ENABLE
Circuit 4. H1–H4, RG Drivers
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com