Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9995KCPRL Datasheet(PDF) 3 Page - Analog Devices

Part # AD9995KCPRL
Description  12-Bit CCD Signal Processor with Precision Timing ??Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9995KCPRL Datasheet(HTML) 3 Page - Analog Devices

  AD9995KCPRL Datasheet HTML 1Page - Analog Devices AD9995KCPRL Datasheet HTML 2Page - Analog Devices AD9995KCPRL Datasheet HTML 3Page - Analog Devices AD9995KCPRL Datasheet HTML 4Page - Analog Devices AD9995KCPRL Datasheet HTML 5Page - Analog Devices AD9995KCPRL Datasheet HTML 6Page - Analog Devices AD9995KCPRL Datasheet HTML 7Page - Analog Devices AD9995KCPRL Datasheet HTML 8Page - Analog Devices AD9995KCPRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
–3–
AD9995–SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
–20
+85
°C
Storage
–65
+150
°C
POWER SUPPLY VOLTAGE
AVDD (AFE Analog Supply)
2.7
3.0
3.6
V
TCVDD (Timing Core Analog Supply)
2.7
3.0
3.6
V
RGVDD (RG Driver)
2.7
3.0
3.6
V
HVDD (H1–H4 Drivers)
2.7
3.0
3.6
V
DRVDD (Data Output Drivers)
2.7
3.0
3.6
V
DVDD (Digital)
2.7
3.0
3.6
V
POWER DISSIPATION (See TPC 1 for Power Curves)
36 MHz,Typ Supply Levels, 100 pF H1–H4 Loading
360
mW
Power from HVDD Only*
130
mW
Standby 1 Mode
130
mW
Standby 2 Mode
12
mW
Standby 3 Mode
0.5
mW
MAXIMUM CLOCK RATE (CLI)
36
MHz
*The total power dissipated by the HVDD supply may be approximated using the equation
Total HVDD Power
HVDD Number of H outputs used
=
×
[
]
C
C
HVDD
HVDD Pixel
Pixel Frequency
Frequency
LOAD
LOAD
=
×
=
×
C
C
C
CLOAD
LOAD
LOAD
LOAD
××
×
×
HVDD
HVDD
−
H
H
Reducing the H-loading, using only two of the outputs, and/or using a lower HVDD supply will reduce the power dissipation.
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
High Level Input Voltage
VIH
2.1
V
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
10
µA
Low Level Input Current
IIL
10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS (Except H and RG)
High Level Output Voltage @ IOH = 2 mA
VOH
2.2
V
Low Level Output Voltage @ IOL = 2 mA
OL
OL
VOL
0.5
V
RG and H-DRIVER OUTPUTS (H1–H4)
High Level Output Voltage @ Max Current
VOH
VDD – 0.5
V
Low Level Output Voltage @ Max Current
VOL
0.5
V
Maximum Output Current (Programmable)
30
mA
Maximum Load Capacitance (For Each Output)
100
pF
Specifications subject to change without notice.
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com