Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7534 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7534
Description  DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7534 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7534 Datasheet HTML 1Page - LSI Computer Systems LS7534 Datasheet HTML 2Page - LSI Computer Systems LS7534 Datasheet HTML 3Page - LSI Computer Systems LS7534 Datasheet HTML 4Page - LSI Computer Systems LS7534 Datasheet HTML 5Page - LSI Computer Systems LS7534 Datasheet HTML 6Page - LSI Computer Systems LS7534 Datasheet HTML 7Page - LSI Computer Systems LS7534 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UP/DOWN SIGNAL DURATION
SHORT
LONG
INPUT
34ms to 325 ms
More than 334ms
UP
DOWN
PRE-ACTIVATION
BRIGHTNESS
Off
Max.
Intermediate
Off
Max.
Intermediate
POST-ACTIVATION
BRIGHTNESS
Memory **
(See Note 1)
No Change
No Change
No Change
Off *
Off *
PRE-ACTIVATION
BRIGHTNESS
Off
Max.
Intermediate
Off
Max.
Intermediate
POST-ACTIVATION
BRIGHTNESS
Increases from Min.
No change
Increases from pre-
touch brightness
No change
Decreases from Max.
Decreases from pre-
touch brightness
* 5.6 second ramp-down from max. to off. Ramp-down time from any other brightness is proportionally shorter.
** 2.8 second ramp-up from off to max.
NOTE 1: "Memory" refers to the brightness stored in the memory. The brightness is stored in memory when the
lamp is turned off by a short activation. First time after power-up, a short activation produces max. brightness.
INPUT/OUTPUT DESCRIPTION:
VSS (Pin 1)
Supply voltage positive terminal.
DOZE (Pin 2)
A clock applied to this input causes the brightness to de-
crease in equal increments with each negative transition
of the clock. Eventually, when the lamp becomes off, this
input has no further effect. The lamp can be turned on
again by activating the UP input. For the transition from
maximum brightness to off, a total of 83 clock pulses are
needed at the DOZE input.
When either the UP or the DOWN input is active, the
DOZE input is disabled.
CAP (Pin 3)
The CAP input is for external component connection for
the PLL filter capacitor. A capacitor of 0.047µF ± 20%
should be used at this input.
SYNC (Pin 4)
The AC line frequency (50Hz/60Hz), when applied to this
input, synchronizes all internal timings through a phase
lock loop. The signal for this input may be obtained from
the line voltage by employing the circuit arrangement
shown in the application examples.
UP (Pin 5)
This input controls the turn-on and the conduction angle, ø ,
of the TRIG output. A description of this is provided in the
DESCRIPTION and TABLE 1. For LS7534, a logic low level
is the active level whereas for LS7535 a logic high level is
the active level. LS7535 has an internal pull-down resistor
of about 500k Ohms on this input.
DOWN (Pin 6)
This input controls the turn-off and the conduction angle, ø,
of the TRIG output. A description of this is provided in the
DESCRIPTION and TABLE 1. For LS7534, a logic low level
is the active level, whereas for LS7535 a logic high level is
the active level. LS7535 has an internal pull-down resistor
of about 500k Ohms on this input.
VDD (Pin 7)
Supply voltage negative terminal.
TRIG (Pin 8)
The TRIG output provides a low level pulse occurring every
half-cycle of the SYNC signal. The conduction angle, ø, of
the TRIG output can be varied within the range of 41o to
159o by means of either the UP or the DOWN input.
TABLE 1
7535-012703-2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com