Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7534 Datasheet(PDF) 7 Page - LSI Computer Systems

Part # LS7534
Description  DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7534 Datasheet(HTML) 7 Page - LSI Computer Systems

  LS7534 Datasheet HTML 1Page - LSI Computer Systems LS7534 Datasheet HTML 2Page - LSI Computer Systems LS7534 Datasheet HTML 3Page - LSI Computer Systems LS7534 Datasheet HTML 4Page - LSI Computer Systems LS7534 Datasheet HTML 5Page - LSI Computer Systems LS7534 Datasheet HTML 6Page - LSI Computer Systems LS7534 Datasheet HTML 7Page - LSI Computer Systems LS7534 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
115VAC
C1 = 0.15µF, 200V
R2 = 1.5M
Ω, 1/4W
C2 = See C2 Value Table
R3 = 27k
Ω, 1/4W
C3 = 0.047µF, 25V
R4 = See R4 Value Table
C4 = 470pF, 25V
D1, D2 = IN4148
C5 = 47µF, 25V
Z = 15V, 1W (Zener)
C6, C7 = 0.001µF, 25V
T = Q4004L4 Triac (Typical)
R1 = 270
Ω, 1W
L = 100µH (RFI Filter)
(1) For Connection A. Use 1/4W for Connection B.
C2 VALUE TABLE
R4 VALUE TABLE
C2 = 0.33µF, 200V, Connection A
R4 = 100
Ω, 1/4W, 25mA Triac Gate
C2 = 0.22µF, 200V, Connection B
R4 = 50
Ω, 1/4W, 50mA Triac Gate
P
115VAC
OR
220VAC
N
LOAD
C1
MT1
L
Z
C2
R1
R2
A
B
R4
C5
D1
1
2
3
4
8
7
6
5
C3
C4
TRIG
V DD DOWN
UP
V SS
DOZE CAP SYNC
+
SEE NOTE 2
LS7535
DOZE
CIRCUIT
FIG. 6B
V SS
DZ
UP
V DD
DOWN
SEE NOTE 1
FIGURE 5B. TYPICAL LS7535 DIMMER LIGHT SWITCH
G
UP
R3
T
MT2
DOWN
D2
-
SEE NOTE 3
C6
C7.
NOTES: 1) When DOZE circuit is used, break Pin 1 to Pin 2 connection.
2) Use Connection A when Neutral is not available. Use Connection B when Neutral is available .
3) C6 and C7 may be required in some PCB layouts to eliminate coupling from triac circuitry.
(1)
(2)
220VAC
C1 = 0.15µF, 400V
R2 = 1.5M
Ω, 1/4W
C2 = See C2 Value Table
R3 = 27k
Ω, 1/4W
C3 = 0.047µF, 25V
R4 = See R4 Value Table
C4 = 470pF, 25V
D1, D2 = IN4148
C5 = 47µF, 25V
Z = 15V, 1W (Zener)
C6, C7 = 0.001µF, 25V
T = Q5004L4 Triac (Typical)
R1 = 1k
Ω, 2W
L = 200µH (RFI Filter)
(2) For Connection A. Use 1/4 W for Connection B.
C2 VALUE TABLE
R4 VALUE TABLE
C2 = 0.22µF, 400V, Connection A
R4 = 100
Ω, 1/4W, 25mA Triac Gate
C2 = 0.10µF, 400V, Connection B
R4 = 50
Ω, 1/4W, 50mA Triac Gate
7535-012703-7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com