Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1374HVCS8 Datasheet(PDF) 18 Page - Linear Technology

Part # LT1374HVCS8
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1374HVCS8 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1374HVCS8 Datasheet HTML 14Page - Linear Technology LT1374HVCS8 Datasheet HTML 15Page - Linear Technology LT1374HVCS8 Datasheet HTML 16Page - Linear Technology LT1374HVCS8 Datasheet HTML 17Page - Linear Technology LT1374HVCS8 Datasheet HTML 18Page - Linear Technology LT1374HVCS8 Datasheet HTML 19Page - Linear Technology LT1374HVCS8 Datasheet HTML 20Page - Linear Technology LT1374HVCS8 Datasheet HTML 21Page - Linear Technology LT1374HVCS8 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
LT1374
1374fb
D2
VOUT
VOUT
VIN
L1
D1
C3
C5
C6
R3
RC
CC2
CC
R2
C4
7654
TAB IS GND
U1
KEEP FB AND VC COMPONENTS
AWAY FROM ANY HIGH FREQUENCY,
HIGH CURRENT CMPONENTS OR PATHS
GND
1374 F05c
321
CONNECT TO GND PLANE
MINIMIZE LT1374 C3, D1 LOOP
TAKE OUTPUT
DIRECTLY FROM
END OF OUTPUT
CAPACITOR
PLACE FEEDTHROUGHS
AROUND GND TAB,
C3, D1 FOR GOOD
THERMAL
CONDUCTIVITY
KELVIN SENSE
VOUT
APPLICATIONS INFORMATION
Figure 5c. Suggested Layout (Topside Only Shown) DD
Figure 6. High Speed Switching Path
1374 F06
5V
L1
VIN
HIGH
FREQUENCY
CIRCULATING
PATH
LOAD
SWITCH NODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com