Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1374HVCS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1374HVCS8
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1374HVCS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1374HVCS8 Datasheet HTML 1Page - Linear Technology LT1374HVCS8 Datasheet HTML 2Page - Linear Technology LT1374HVCS8 Datasheet HTML 3Page - Linear Technology LT1374HVCS8 Datasheet HTML 4Page - Linear Technology LT1374HVCS8 Datasheet HTML 5Page - Linear Technology LT1374HVCS8 Datasheet HTML 6Page - Linear Technology LT1374HVCS8 Datasheet HTML 7Page - Linear Technology LT1374HVCS8 Datasheet HTML 8Page - Linear Technology LT1374HVCS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
LT1374
1374fb
FEEDBACK PIN VOLTAGE (V)
0
500
400
300
200
100
0
2.0
1374 G10
0.5
1.0
1.5
2.5
SWITCHING
FREQUENCY
FEEDBACK PIN
CURRENT
Frequency Foldback
LOAD CURRENT (mA)
1
5.8
6.0
6.2
6.4
10
100
1000
1374 G12
5.6
5.4
5.2
5.0
MINIMUM
RUNNING
VOLTAGE
MINIMUM
STARTING
VOLTAGE
Minimum Input Voltage
with 5V Output
TEMPERATURE (
°C)
–50
550
540
530
520
510
500
490
480
470
460
450
100
1374 G11
–25
0
25
50
75
125
Switching Frequency
Maximum Load Current
at VOUT = 10V
INPUT VOLTAGE (V)
0
4.5
4.0
3.5
3.0
510
15
20
1374 G13
25
L = 20
µH
L = 10
µH
L = 5
µH
VOUT = 10V
Maximum Load Current
at VOUT = 3.3V
INPUT VOLTAGE (V)
0
4.5
4.0
3.5
3.0
510
15
20
1374 G14
25
L = 20
µH
L = 10
µH
L = 5
µH
VOUT = 3.3V
Maximum Load Current
at VOUT = 5V
INPUT VOLTAGE (V)
0
4.5
4.0
3.5
3.0
510
15
20
1374 G15
25
L = 20
µH
L = 10
µH
L = 5
µH
VOUT = 5V
Shutdown Supply Current
SHUTDOWN VOLTAGE (V)
0
70
60
50
40
30
20
10
0
0.1
0.2
0.3
0.4
1374 G07
VIN = 25V
VIN = 10V
Error Amplifier Transconductance
FREQUENCY (Hz)
3000
2500
2000
1500
1000
500
200
150
100
50
0
–50
100
10k
100k
10M
1374 G09
1k
1M
GAIN
PHASE
ERROR AMPLIFIER EQUIVALENT CIRCUIT
ROUT
200k
COUT
12pF
VC
RLOAD = 50Ω
VFB 2 × 10
–3
)
(
Error Amplifier Transconductance
JUNCTION TEMPERATURE (
°C)
–50
2500
2000
1500
1000
500
0
0
50
75
1374 G08
–25
25
100
125
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com