Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV9120 Datasheet(PDF) 21 Page - OmniVision Technologies, Inc.

Part # OV9120
Description  Horizontal & Vertical Sub-sampling (4:2 & 4:2)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9120 Datasheet(HTML) 21 Page - OmniVision Technologies, Inc.

Back Button OV9120 Datasheet HTML 16Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 17Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 18Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 19Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 20Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 21Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 22Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 23Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 24Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DATASHEET
OV9620/OV9120 Datasheet
Doc #DS102
© OmniVision Technologies Inc., 2002, version 2.0
Page 20
Sub-
address
(hex)
Register
Default
(hex)
Read/
Write
Descriptions
36
VCHG
17
RW
Sensor precharge voltage control
VCHG[7] – reserved
VCHG[6:4] – Sensor precharge voltage control: “000”= lowest voltage “111”=
highest voltage.
VCHG[3:0] – Sensor array common reference control: “000”= lowest voltage
“111”= highest voltage
37
ADC
04
RW
ADC reference control
ADC[7:4] – reserved
ADC[3] – ADC input signal range: “1”= input signal x0.7, “0”= input signal x1.
ADC[2:0] – ADC range control. “000”= Minimum, “111”= Maximum.
38
ACOM
12
RW
Analog Common Control
ACOM[7] – Analog gain control: “1”= Gain increase 1.5x, “0”= Normal
ACOM[6] – Analog black level calibration control: “0”= Analog BLC on, “1”= Analog
BLC off.
ACOM[5:0] – reserved.
38
ACOM
12
RW
Analog Common Control
ACOM[7] – Analog gain control: “1”= Gain increase 1.5x, “0”= Normal
ACOM[6] – Analog black level calibration control: “0”= Analog BLC on, “1”=
Analog BLC off.
ACOM[5:0] – reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com