Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV9120 Datasheet(PDF) 4 Page - OmniVision Technologies, Inc.

Part # OV9120
Description  Horizontal & Vertical Sub-sampling (4:2 & 4:2)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9120 Datasheet(HTML) 4 Page - OmniVision Technologies, Inc.

  OV9120 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 2Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 3Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 4Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 5Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 6Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 7Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 8Page - OmniVision Technologies, Inc. OV9120 Datasheet HTML 9Page - OmniVision Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DATASHEET
OV9620/OV9120 Datasheet
Doc #DS102
© OmniVision Technologies Inc., 2002, version 2.0
Page 3
Pin Descriptions
Table 1. Pin Description
Pin No.
Name
Pin Type
Function/Description
01
SVDD
P
3.3 volt supply for the pixel array
02
VrHigh
A
Sensor high reference. Bypass to ground with a 0.1µF capacitor
03
NBIT
A
Sensor bit line reference. Bypass to ground with a 0.1µF capacitor
04
DEVDD
P
3.3 volt supply for sensor array decoder
05
DEGND
P
Ground for sensor array decoder
06
VrLow
A
Sensor low reference. Bypass to ground with a 0.1
µF capacitor.
07
PWDN
I (0)
Power down mode enable, active high.
08
FREX
I (0)
Snapshot trigger, use to activate a snapshot sequence.
09
SRAMT
I (0)
SRAM interface trigger, use to activate SRAM interface.
10
RESET
I (0)
Chip reset, active high.
11
SCCB_E
I (0)
SCCB interface enable signal, active low.
12
EXPSTB
I (0)
Snapshot exposure start trigger, “1” – sensor stays in reset mode, “0” – sensor
starts exposure. Only effect in snap-shot mode.
13
VGA
I (0)
Sensor resolution selection.”1” – VGA. “0” – SXGA resolution.
14
FSIN
I (0)
Frame synchronization input.
15
VcCHG
A
Sensor reference. Bypass to ground with a 0.1µF capacitor.
16
AVDD
P
3.3-volt supply for analog circuits.
17
AGND
P
Ground for analog circuits.
18
ASUB
P
Ground for analog circuit’s substrate.
19
VrAD2
A
A/D converter reference. Bypass to ground with a 0.1µF capacitor.
20
ADVDD
P
3.3-volt supply for A/D converter.
21
ADGND
P
Ground for A/D converter.
22
DVDD
P
2.5-volt supply for digital circuits.
23
DGND
P
Ground for digital circuits.
24
D0
O
Bit 0 of video port output.
25
D1
O
Bit 1 of video port output.
26
D2
O
Bit 2 of video port output.
27
D3
O
Bit 3 of video port output.
28
D4
O
Bit 4 of video port output.
29
XCLK1
I
Crystal clock input.
30
XCLK2
O
Crystal clock output.
31
PCLK
O
Pixel clock output.
32
D5
O
Bit 5 of video port output.
33
D6
O
Bit 6 of video port output.
34
D7
O
Bit 7 of video port output.
35
D8
O
Bit 8 of video port output.
36
D9
O
Bit 9 of video port output.
37
DOVDD
P
3.3-volt supply for digital video port.
38
DOGND
P
Ground for digital video port.
39
HREF
I/O
Horizontal reference output.
40
CHSYNC
I/O
Horizontal synchronization output when chip in master mode. Horizontal
synchronization input when chip in slave mode.
41
VSYNC
I/O
Vertical synchronization output when chip in master mode. Vertical synchronization
input when chip in slave mode.
42
NC
-
Not connected
43
NC
-
Not connected
44
NC
-
Not connected
45
SIO_D
I/O
SCCB slave interface data input and output.
46
SIO_C
I
SCCB slave interface clock input
47
VcCHG
A
Sensor reference. Bypass to ground through 0.1
µF capacitor
48
SGND
P
Ground for pixel array.
Legend: (I=Input), (O=Output), (I/O=Bi-directional), (P=Power), (A=Analog)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com