Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2567L-R Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE2567L-R
Description  5 GHz Power Amplifier with Power Detector Preliminary Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2567L-R Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE2567L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2567L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2567L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2567L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2567L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2567L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2567L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2567L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2567L-R Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DATA SHEET
SE2567L: 5 GHz Power Amplifier with Power Detector
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202425A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
4
AC Electrical Characteristics
802.11a AC Electrical Characteristics
Conditions:
VCC = VEN = 3.3V, f = 5.4 GHz, TA = 25 °C, as measured on Skyworks Solutions’ SE2567L-EV1
evaluation board, unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fL-U
Frequency Range
-
4.9
-
5.9
GHz
POUT
Output Power, 54 Mbps
OFDM signal, 64 QAM,
3% EVM
VCC0,1,2,3 = 3.3V
-
19
-
dBm
VCC0,1 = 3.3V; VCC2,3 = 4.5V
-
21.5
-
P1dB
Output 1dB compression
point
No modulation
-
25
-
dBm
S11
Input Return Loss
PIN = -25 dBm
6
-
-
dB
S21
Small Signal Gain
PIN = -25 dBm
-
30
-
dB
ΔS21
Small Signal Gain
Variation
Gain variation over single
40MHz channel
Gain Variation over band
-
-
0.5
2.0
-
4.0
dB
S21_3.8
Out of Band Gain
Gain at 3.8GHz
-
-
10
dB
2f
Harmonic
POUT = 19.0dBm @3.3V or
POUT = 21.5dBm @4.5V
-
-50
-
dBm/MHz
3f
-
-50
-
dBm/MHz
tr, tf
Rise and Fall Time
-
-
0.5
-
us
STAB
Stability
POUT = 19 dBm, 54 Mbps, 64
QAM, VSWR = 6:1, all phases
All non-harmonically related outputs
less than -50 dBc/100 kHz
RU
Ruggedness: Tolerance
to output load
mismatching
PIN = 12 dBm, VCC2 = VCC3 =
4.5V, 54 Mbps 64 QAM, 64
QAM, VSWR = 6:1, all phases
No damage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com