Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2567L-R Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SE2567L-R
Description  5 GHz Power Amplifier with Power Detector Preliminary Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2567L-R Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SE2567L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2567L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2567L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2567L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2567L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2567L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2567L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2567L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2567L-R Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DATA SHEET
SE2567L: 5 GHz Power Amplifier with Power Detector
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202425A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
2
Pin Out Diagram
Figure 2: SE2567L Pin-Out Diagram
Pin Out Description
Pin No.
Name
Description
1
GND
Ground
2
RFin
Power Amplifier RF input, DC block required
3
GND
Ground
4
VCC0
Bias Circuit Supply Voltage
5
EN
Reference Voltage and Power Amplifier Enable
6
NC
No Connect
7
GND
Ground
8
DET
Analog Power Detector Output
9
NC
No Connect
10
GND
Ground
11
RFout
Power Amplifier RF Output, no DC block required
12
GND
Ground
13
VCC3
Third Stage Supply Voltage
14
GND
Ground
15
VCC2
Second Stage Supply Voltage
16
VCC1
First Stage Supply Voltage
GND
RF OUT
GND
NC
1
2
3
4
12
11
10
9
Ground
Paddle
8
7
6
5
13
14
15
16
GND
RF IN
GND
VCC0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com