Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2568L-R Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE2568L-R
Description  2.4 GHz High Efficiency Wireless LAN PA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2568L-R Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE2568L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2568L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2568L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2568L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2568L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2568L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2568L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2568L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2568L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DATA SHEET
SE2568L: 2.4 GHz High Efficiency Wireless LAN PA
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202426E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 12, 2014
4
Logic Characteristics
Conditions: VCC = 3.3V (default) or VCC = 5.0V (as noted), EN = 3.3V, TA = 25
C, as measured on Skyworks
Solutions’ SE2568L-EK1 evaluation board, all unused ports terminated with 50 ohms, unless otherwise
noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VENH
Logic High Voltage
(Module On)
-
1.8
-
3.6
V
VENL
Logic Low Voltage
(Module Off)
-
0
-
0.4
V
IENH
Input Current Logic
High Voltage
-
-
2
10
μA
IENL
Input Current Logic
Low Voltage
-
-
2
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com