Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2568L-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE2568L-R
Description  2.4 GHz High Efficiency Wireless LAN PA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2568L-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE2568L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2568L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2568L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2568L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2568L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2568L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2568L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2568L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2568L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATA SHEET
SE2568L: 2.4 GHz High Efficiency Wireless LAN PA
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202426E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 12, 2014
1
Applications
IEEE802.11b DSSS WLAN
IEEE802.11g OFDM WLAN
Embedded, SiP modules
Features
Dual Mode IEEE802.11b & IEEE802.11g
Integrated PA, digital bias control, 50Ω input and
output match, 3.2GHz TX Filter.
Integrated harmonic filter.
Integrated load insensitive Power Detector, with
<1dB error at 2:1 mismatch
20 dBm Output Power, 802.11b, 11 Mbps, ACPR
<-30 dBc
18dBm @ 3.0 % EVM, 802.11g, 54 Mbps
2.3 V to 4.8 V direct to battery supply
Lead free, Halogen free, ROHS compliant ,
2 x2x0.9 mm QFN package, MSL 1
Ordering Information
Part No.
Package
Remark
SE2568L
8 pin QFN
Samples
SE2568L-R
8 pin QFN
Tape and Reel
SE2568L-EK1
N/A
Evaluation kit
Product Description
The SE2568L is a complete 802.11 b/g WLAN
discrete power amplifier. The device provides all the
functionality of the power amplifier, power detector,
filter, associated input, inter-stage and output
matching in an ultra-compact 2mm x 2mm x 0.9mm
form factor.
The SE2568L is designed for ease of use, with all the
critical input and output matching integrated.
The
SE2568L includes a transmitter power detector with
20 dB of dynamic range and a digital Enable for
power on/off control. Harmonic filters and an input
3.2GHz LO rejection filter are integrated on-chip. The
power ramp rise/fall time is 0.7 μs typical.
Functional Block Diagram
Figure 1: Functional Block Diagram
Pdet
EN
50ohm
Match
VCC
Detector
Bias Circuitry
VCC2
50ohm Match
& harmonic
Filter
3.2GHz
Filter
RF Out
RF IN


Similar Part No. - SE2568L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2568U SIGE-SE2568U Datasheet
109Kb / 2P
2.4 GHz High Efficiency Wireless LAN PA Preliminary
logo
Skyworks Solutions Inc.
SE2568U SKYWORKS-SE2568U Datasheet
403Kb / 7P
2.4 GHz High Efficiency Wireless LAN PA
April 4, 2014
logo
SiGe Semiconductor, Inc...
SE2568U-EK1 SIGE-SE2568U-EK1 Datasheet
109Kb / 2P
2.4 GHz High Efficiency Wireless LAN PA Preliminary
logo
Skyworks Solutions Inc.
SE2568U-EK1 SKYWORKS-SE2568U-EK1 Datasheet
403Kb / 7P
2.4 GHz High Efficiency Wireless LAN PA
April 4, 2014
logo
SiGe Semiconductor, Inc...
SE2568U-R SIGE-SE2568U-R Datasheet
109Kb / 2P
2.4 GHz High Efficiency Wireless LAN PA Preliminary
More results

Similar Description - SE2568L-R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2564L SIGE-SE2564L Datasheet
142Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Product Preview
SE2565T SIGE-SE2565T Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2568U SIGE-SE2568U Datasheet
109Kb / 2P
2.4 GHz High Efficiency Wireless LAN PA Preliminary
SE2571U SIGE-SE2571U Datasheet
166Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
SE2579U SIGE-SE2579U Datasheet
165Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End
logo
Skyworks Solutions Inc.
SE2623L-R SKYWORKS-SE2623L-R Datasheet
187Kb / 2P
2.4 GHz High-Power Wireless LAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com